Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5316FTR2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP5316FTR2
Description  Four/Five/Six-Phase Buck CPU Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5316FTR2 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP5316FTR2 Datasheet HTML 1Page - ON Semiconductor NCP5316FTR2 Datasheet HTML 2Page - ON Semiconductor NCP5316FTR2 Datasheet HTML 3Page - ON Semiconductor NCP5316FTR2 Datasheet HTML 4Page - ON Semiconductor NCP5316FTR2 Datasheet HTML 5Page - ON Semiconductor NCP5316FTR2 Datasheet HTML 6Page - ON Semiconductor NCP5316FTR2 Datasheet HTML 7Page - ON Semiconductor NCP5316FTR2 Datasheet HTML 8Page - ON Semiconductor NCP5316FTR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
NCP5316
http://onsemi.com
5
MAXIMUM RATINGS (continued)
Pin Number
ISINK
ISOURCE
VMIN
VMAX
Pin Symbol
41
CS3N
18 V
−0.3 V
1.0 mA
1.0 mA
42
IPLIM
7.0 V
−0.3 V
1.0 mA
1.0 mA
43
VDRP
7.0 V
−0.3 V
1.0 mA
1.0 mA
44
ILIM
7.0 V
−0.3 V
1.0 mA
1.0 mA
45
IOF
7.0 V
−0.3 V
1.0 mA
1.0 mA
46
IO
7.0 V
−0.3 V
5.0 mA
1.0 mA
47
VREF
7.0 V
−0.3 V
5.0 mA
1.0 mA
48
VCCL
18 V
−0.3 V
50 mA
VOLTAGE IDENTIFICATION (VID)
VID Pins (0 = low, 1 = high)
VID Code*(V)
05%
V
No Load† (V)
+0 5%
VID4
VID3
VID2
VID1
VID0
VID5
VID Code*(V)
−0.5%
VOUT No Load† (V)
+0.5%
0
1
0
1
0
0
0.8375
0.8134
0.8175
0.8216
0
1
0
0
1
1
0.8500
0.8259
0.8300
0.8342
0
1
0
0
1
0
0.8625
0.8383
0.8425
0.8467
0
1
0
0
0
1
0.8750
0.8507
0.8550
0.8593
0
1
0
0
0
0
0.8875
0.8632
0.8675
0.8718
0
0
1
1
1
1
0.9000
0.8756
0.8800
0.8844
0
0
1
1
1
0
0.9125
0.8880
0.8925
0.8970
0
0
1
1
0
1
0.9250
0.9005
0.9050
0.9095
0
0
1
1
0
0
0.9375
0.9129
0.9175
0.9221
0
0
1
0
1
1
0.9500
0.9254
0.9300
0.9347
0
0
1
0
1
0
0.9625
0.9378
0.9425
0.9472
0
0
1
0
0
1
0.9750
0.9502
0.9550
0.9598
0
0
1
0
0
0
0.9875
0.9627
0.9675
0.9723
0
0
0
1
1
1
1.0000
0.9751
0.9800
0.9849
0
0
0
1
1
0
1.0125
0.9875
0.9925
0.9975
0
0
0
1
0
1
1.0250
1.0000
1.0050
1.0100
0
0
0
1
0
0
1.0375
1.0124
1.0175
1.0226
0
0
0
0
1
1
1.0500
1.0249
1.0300
1.0352
0
0
0
0
1
0
1.0625
1.0373
1.0425
1.0477
0
0
0
0
0
1
1.0750
1.0497
1.0550
1.0603
0
0
0
0
0
0
1.0875
1.0622
1.0675
1.0728
1
1
1
1
1
1
OFF
1
1
1
1
1
0
OFF
1
1
1
1
0
1
1.1000
1.0746
1.0800
1.0854
1
1
1
1
0
0
1.1125
1.0870
1.0925
1.0980
1
1
1
0
1
1
1.1250
1.0995
1.1050
1.1105
1
1
1
0
1
0
1.1375
1.1119
1.1175
1.1231
1
1
1
0
0
1
1.1500
1.1244
1.1300
1.1357
*VID Code is for reference only.
†VOUT No Load is the input to the error amplifier.


Similar Part No. - NCP5316FTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5316FTR2 ONSEMI-NCP5316FTR2 Datasheet
997Kb / 31P
   Four/Five/Six?뭁hase Buck CPU Controller
July, 2006 ??Rev. 10
More results

Similar Description - NCP5316FTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5316 ONSEMI-NCP5316_06 Datasheet
997Kb / 31P
   Four/Five/Six?뭁hase Buck CPU Controller
July, 2006 ??Rev. 10
NCP5314 ONSEMI-NCP5314 Datasheet
325Kb / 28P
   Two/Three/Four-Phase Buck CPU Controller
September, 2004 ??Rev. 9
NCP5318 ONSEMI-NCP5318 Datasheet
373Kb / 31P
   Two/Three/Four?뭁hase Buck CPU Controller
June, 2006 ??Rev. 4
NCP5314 ONSEMI-NCP5314_07 Datasheet
677Kb / 29P
   Two/Three/Four?뭁hase Buck CPU Controller
January, 2007 ??Rev. 10
logo
Analog Devices
LTC7871 AD-LTC7871 Datasheet
1Mb / 48P
   Six-Phase, Synchronous Bidirectional Buck or Boost Controller
logo
ON Semiconductor
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
CS5132H ONSEMI-CS5132H Datasheet
153Kb / 20P
   Dual Output CPU Buck Controller
December, 2001 - Rev. 2
logo
Cherry Semiconductor Co...
CS5132 CHERRY-CS5132 Datasheet
238Kb / 19P
   Dual Output CPU Buck Controller
logo
ON Semiconductor
CS5132 ONSEMI-CS5132 Datasheet
153Kb / 20P
   Dual Output CPU Buck Controller
December, 2001 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com