Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5316FTR2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP5316FTR2
Description  Four/Five/Six-Phase Buck CPU Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5316FTR2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP5316FTR2 Datasheet HTML 7Page - ON Semiconductor NCP5316FTR2 Datasheet HTML 8Page - ON Semiconductor NCP5316FTR2 Datasheet HTML 9Page - ON Semiconductor NCP5316FTR2 Datasheet HTML 10Page - ON Semiconductor NCP5316FTR2 Datasheet HTML 11Page - ON Semiconductor NCP5316FTR2 Datasheet HTML 12Page - ON Semiconductor NCP5316FTR2 Datasheet HTML 13Page - ON Semiconductor NCP5316FTR2 Datasheet HTML 14Page - ON Semiconductor NCP5316FTR2 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Phase2
+
+
CO2
× 3
CO2
CO2F
CO2F
× 9.5
+
+
CO3
× 3
CO3
CO3F
CO3F
× 9.5
+
+
CO4
× 3
CO4
CO4F
CO4F
× 9.5
+
+
CO5
× 3
CO5
CO5F
CO5F
× 9.5
+
+
CO6
× 3
CO6
CO6F
CO6F
× 9.5
VREF
+
− +
0.8 V
0.4 V
Enable Comparator
S
R
Q
PWRGD
SS
Fault Latch
+
− +
3.3 V
Reference
9.0 V
8.0 V
UVLO Comparator
+
3.0 V
2.9 V
VREF Comparator
+
ENABLE
VCCL
VREF
VID5
VID0
VID1
VID2
VID3
VID4
IO
SGND
VID = 11111x
DAC Output
+
S
R
Q
VCC
PWM Latch
Phase6
+
CO6F
PWM Comparator
+
CO6
RAMP6
+
S
R
Q
VCC
PWM Latch
Phase5
+
CO5F
PWM Comparator
+
CO5
RAMP5
+
S
R
Q
VCC
PWM Latch
Phase4
+
CO4F
PWM Comparator
+
CO4
RAMP4
+
S
R
Q
VCC
PWM Latch
Phase3
+
CO3F
PWM Comparator
+
CO3
RAMP3
+
S
R
Q
VCC
PWM Latch
Phase2
+
CO2F
PWM Comparator
+
CO2
RAMP2
+
S
R
Q
PWM Latch
Phase1
+
CO1F
PWM Comparator
+
CO1
RAMP1
Pulse Current
Comparator
PWRLS
Delay
+
VCCL
S
R
Q
+
10 k
+
+
DAC
OVP
Comparator
− +
200 mV
− +
100 mV
PWRGD
Comparator
+
PWRGD
Comparator
+ −
20 mV
0.5
− +
0.6 V
CS1P
CS1N
CS2P
CS2N
CS3P
CS3N
CS4P
CS4N
CS5P
CS5N
CS6P
CS6N
CO1
× 3
CO1
CO1F
CO1F
× 9.5
+
− +
IO
Buffer
× 1.4
ILIM IOF
Module OC
Comparator
+
Error
Amplifier
− +
AVP
Buffer
VDRP
+
VFFB VFB
+
Phase1
Ramp1
Ramp2
Phase3
Ramp3
Phase4
Ramp4
Phase6
Phase5
Ramp5
Ramp6
COMP IPLIM
LGND
+
ROSC
1.0 V
+
CS3P
− +
VCC − 0.5 V
Current Source
Generator
+
CS6P
− +
Phase 3
Disable Comparator
+
Phase 6
Disable Comparator
GATE1
DRVON
VCC
GATE2
GATE3
GATE4
GATE5
GATE6
GND
Charge
Current
Discharge
Current
VCC − 0.5 V
70k
× 0.85


Similar Part No. - NCP5316FTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5316FTR2 ONSEMI-NCP5316FTR2 Datasheet
997Kb / 31P
   Four/Five/Six?뭁hase Buck CPU Controller
July, 2006 ??Rev. 10
More results

Similar Description - NCP5316FTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5316 ONSEMI-NCP5316_06 Datasheet
997Kb / 31P
   Four/Five/Six?뭁hase Buck CPU Controller
July, 2006 ??Rev. 10
NCP5314 ONSEMI-NCP5314 Datasheet
325Kb / 28P
   Two/Three/Four-Phase Buck CPU Controller
September, 2004 ??Rev. 9
NCP5318 ONSEMI-NCP5318 Datasheet
373Kb / 31P
   Two/Three/Four?뭁hase Buck CPU Controller
June, 2006 ??Rev. 4
NCP5314 ONSEMI-NCP5314_07 Datasheet
677Kb / 29P
   Two/Three/Four?뭁hase Buck CPU Controller
January, 2007 ??Rev. 10
logo
Analog Devices
LTC7871 AD-LTC7871 Datasheet
1Mb / 48P
   Six-Phase, Synchronous Bidirectional Buck or Boost Controller
logo
ON Semiconductor
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
CS5132H ONSEMI-CS5132H Datasheet
153Kb / 20P
   Dual Output CPU Buck Controller
December, 2001 - Rev. 2
logo
Cherry Semiconductor Co...
CS5132 CHERRY-CS5132 Datasheet
238Kb / 19P
   Dual Output CPU Buck Controller
logo
ON Semiconductor
CS5132 ONSEMI-CS5132 Datasheet
153Kb / 20P
   Dual Output CPU Buck Controller
December, 2001 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com