Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2,54RF07 Datasheet(PDF) 3 Page - Lumberg

Part # 2,54RF07
Description  Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

2,54RF07 Datasheet(HTML) 3 Page - Lumberg

  2,54RF07 Datasheet HTML 1Page - Lumberg 2,54RF07 Datasheet HTML 2Page - Lumberg 2,54RF07 Datasheet HTML 3Page - Lumberg 2,54RF07 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
51 2,54 RF
01/2018
3
Designation
Pole Number
PU (Pieces)
MDQ (Pieces)
2,54 RF 03
3
200
5000
2,54 RF 04
4
200
5000
2,54 RF 05
5
200
5000
2,54 RF 06
6
200
5000
2,54 RF 07
7
200
5000
2,54 RF 08
8
200
5000
2,54 RF 09
9
200
5000
2,54 RF 10
10
200
5000
2,54 RF 11
11
200
5000
2,54 RF 12
12
200
5000
2,54 RF 13
13
200
5000
2,54 RF 14
14
200
5000
2,54 RF 15
15
200
5000
2,54 RF 16
16
200
5000
2,54 RF 17
17
200
5000
2,54 RF 18
18
200
5000
2,54 RF 19
19
200
5000
2,54 RF 20
20
200
5000
2,54 RF 21
21
200
5000
2,54 RF 22
22
200
5000
2,54 RF 23
23
200
5000
2,54 RF 24
24
200
5000
2,54 RF 25
25
200
5000
2,54 RF 26
26
200
5000
2,54 RF 27
27
200
5000
2,54 RF 28
28
200
5000
2,54 RF 29
29
200
5000
2,54 RF 30
30
200
5000
2,54 RF 31
31
200
5000
2,54 RF 32
32
200
5000
2,54 RF 33
33
200
5000
2,54 RF 34
34
200
5000
2,54 RF 35
35
200
5000
2,54 RF 36
36
200
5000
2,54 RF 37
37
200
5000
2,54 RF 38
38
200
5000
of 4


Similar Part No. - 2,54RF07

ManufacturerPart #DatasheetDescription
logo
Lumberg
2,54RF LUMBERG-2,54RF Datasheet
246Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2,54RFL LUMBERG-2,54RFL Datasheet
428Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2,54RFL LUMBERG-2,54RFL Datasheet
246Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2,54RFL03 LUMBERG-2,54RFL03 Datasheet
428Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2,54RFL04 LUMBERG-2,54RFL04 Datasheet
428Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results

Similar Description - 2,54RF07

ManufacturerPart #DatasheetDescription
logo
Lumberg
2.54UF LUMBERG-2.54UF Datasheet
366Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5RF LUMBERG-5RF Datasheet
396Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5U LUMBERG-2.5U Datasheet
623Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5UFL LUMBERG-2.5UFL Datasheet
502Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54R LUMBERG-2.54R_18 Datasheet
301Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
8510A02 LUMBERG-8510A02 Datasheet
188Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08RFL LUMBERG-5.08RFL Datasheet
378Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08UFL LUMBERG-5.08UFL Datasheet
475Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
SP1 LUMBERG-SP1_18 Datasheet
248Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54UFL LUMBERG-2.54UFL_18 Datasheet
404Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5RF LUMBERG-2.5RF Datasheet
572Kb / 4P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com