Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0L5UV Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PESD5V0L5UV
Description  Low capacitance 5-fold ESD protection diode arrays in SOT666 package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0L5UV Datasheet(HTML) 2 Page - NXP Semiconductors

  PESD5V0L5UV Datasheet HTML 1Page - NXP Semiconductors PESD5V0L5UV Datasheet HTML 2Page - NXP Semiconductors PESD5V0L5UV Datasheet HTML 3Page - NXP Semiconductors PESD5V0L5UV Datasheet HTML 4Page - NXP Semiconductors PESD5V0L5UV Datasheet HTML 5Page - NXP Semiconductors PESD5V0L5UV Datasheet HTML 6Page - NXP Semiconductors PESD5V0L5UV Datasheet HTML 7Page - NXP Semiconductors PESD5V0L5UV Datasheet HTML 8Page - NXP Semiconductors PESD5V0L5UV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2004 Mar 23
2
Philips Semiconductors
Product specification
Low capacitance 5-fold ESD protection
diode arrays in SOT666 package
PESD3V3L5UV;
PESD5V0L5UV
FEATURES
• Uni-directional ESD protection of up to five lines
• Bi-directional ESD protection of up to four lines
• Low diode capacitance
• Maximum peak pulse power: Ppp = 25 W at tp = 8/20µs
• Low clamping voltage: VCL(R) = 12 V at Ipp = 2.5 A
• Ultra low leakage current: IRM = 8 nA at VRWM =5V
• ESD protection > 20 kV
• IEC 61000-4-2; level 4 (ESD)
• IEC 61000-4-5 (surge); Ipp = 2.5 A at Tp = 8/20 µs.
APPLICATIONS
• Cellular handsets and accessories
• Portable electronics
• Computers and peripherals
• Communications systems
• Audio and video equipment.
DESCRIPTION
Low capacitance 5-fold ESD protection array in the ultra
small SOT666 plastic package designed to protect up to
five transmission or data lines from the damage caused by
Electrostatic Discharge (ESD).
MARKING
Note
1. * = p: Made in Hong Kong.
* = t: Made in Malaysia.
* = W: Made in China.
TYPE NUMBER
MARKING CODE(1)
PESD3V3L5UV
*E1
PESD5V0L5UV
*E2
PINNING
PIN
DESCRIPTION
1
cathode 1
2
common anode
3
cathode 2
4
cathode 3
5
cathode 4
6
cathode 5
001aaa213
13
2
4
5
6
1
3
42
5
6
sym011
Fig.1 Simplified outline (SOT666) and symbol.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
VALUE
UNIT
VRWM
reverse standoff voltage
PESD3V3L5UV
3.3
V
PESD5V0L5UV
5
V
Cd
diode capacitance
PESD3V3L5UV
22
pF
PESD5V0L5UV
16
pF
number of protected lines 5
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PESD3V3L5UV
plastic surface mounted package; 6 leads
SOT666
PESD5V0L5UV
plastic surface mounted package; 6 leads
SOT666


Similar Part No. - PESD5V0L5UV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0L5UV NXP-PESD5V0L5UV Datasheet
105Kb / 17P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 02-8 January 2008
logo
Nexperia B.V. All right...
PESD5V0L5UV NEXPERIA-PESD5V0L5UV Datasheet
655Kb / 17P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 02 - 8 January 2008
logo
Guangdong Youtai Semico...
PESD5V0L5UV UMW-PESD5V0L5UV Datasheet
360Kb / 7P
   ESD protection of up to five lines
More results

Similar Description - PESD5V0L5UV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3L5UY PHILIPS-PESD3V3L5UY Datasheet
87Kb / 11P
   Low capacitance 5-fold ESD protection diode arrays in SOT363 package
2004 Mar 23
logo
Pan Jit International I...
PJESD5V6LC-5W PANJIT-PJESD5V6LC-5W Datasheet
206Kb / 4P
   LOW CAPACITANCE 5-FOLD ESD PROTECTION DIODE ARRAYS
logo
NXP Semiconductors
PESD5V0L6US PHILIPS-PESD5V0L6US Datasheet
97Kb / 14P
   Low capacitance 6-fold ESD protection diode arrays
Rev. 02-9 November 2004
PESD5V0L6UAS NXP-PESD5V0L6UAS Datasheet
109Kb / 14P
   Low capacitance 6-fold ESD protection diode arrays
Rev. 03-18 August 2009
logo
Nexperia B.V. All right...
PESD5V0L6UAS NEXPERIA-PESD5V0L6UAS Datasheet
108Kb / 14P
   Low capacitance 6-fold ESD protection diode arrays
Rev. 03 - 18 August 2009
logo
NXP Semiconductors
PESD5V0L7BAS NXP-PESD5V0L7BAS Datasheet
109Kb / 14P
   Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 03-20 August 2009
logo
Nexperia B.V. All right...
PESD5V0L7BAS NEXPERIA-PESD5V0L7BAS Datasheet
166Kb / 15P
   Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 4 - 23 June 2010
logo
NXP Semiconductors
PESD5V0L7BAS PHILIPS-PESD5V0L7BAS Datasheet
98Kb / 14P
   Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 02-25 November 2004
PESDXV4UG PHILIPS-PESDXV4UG Datasheet
75Kb / 11P
   Very low capacitance quadruple ESD protection diode arrays in SOT353 package
Rev. 02-7 April 2005
PESD3V3V4UW PHILIPS-PESD3V3V4UW Datasheet
73Kb / 11P
   Very low capacitance quadruple ESD protection diode arrays in SOT665 package
Rev. 01-22 April 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com