Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML12561 Datasheet(PDF) 7 Page - LANSDALE Semiconductor Inc.

Part # ML12561
Description  Crystal Oscillator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12561 Datasheet(HTML) 7 Page - LANSDALE Semiconductor Inc.

  ML12561 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12561 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12561 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12561 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12561 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12561 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12561 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12561 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12561 Datasheet HTML 9Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.lansdale.com
Page 7 of 9
Issue 0
LANSDALE Semiconductor, Inc.
ML12561
Figure 10. MECL Translator Load Capability
To HP8552B/53B
Spectrum Analyzer
or Equiv
Sine
to
MECL
16
VCC = +5.0 V
0.1 µF
13
12
8.2 k
15 pF
8
0.1 µF
VCC = +5.0 V
11
MECL
to
TTL
Trans-
lator
10
1.5 k
15 pF
+5.0 V
270
All
diodes
MBD101
or
Equiv
9
+5.0 V
0.1 µF
0.1 µF
0.1 µF
0.1 µF
7
1
4
6
5
8
750
2 or 3
Figure 11. TTL Translator Load Capability
Figure 12. Noise Measurement Test Circuit
Measurement
Sweep
Bandwidth
Video
Filter
Noise Floor
Close-In Noise
50 kHz/div
20 kHz/div
10 kHz
10 Hz
10 Hz
10 Hz
ANALYZER SETTING


Similar Part No. - ML12561

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12561 LANSDALE-ML12561 Datasheet
610Kb / 9P
   Crystal Oscillator
ML12561/BEA LANSDALE-ML12561/BEA Datasheet
610Kb / 9P
   Crystal Oscillator
More results

Similar Description - ML12561

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
   Crystal Oscillator
logo
Epson ToYoCom
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
   CRYSTAL OSCILLATOR
SG-8002JC EPSONTOYOCOM-SG-8002JC Datasheet
533Kb / 4P
   CRYSTAL OSCILLATOR
SG-8002LB EPSONTOYOCOM-SG-8002LB Datasheet
491Kb / 4P
   CRYSTAL OSCILLATOR
TCO-7085X1A EPSONTOYOCOM-TCO-7085X1A Datasheet
359Kb / 2P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
   Crystal Oscillator
logo
Epson Company
SG-8002CE EPSON-SG-8002CE Datasheet
576Kb / 6P
   CRYSTAL OSCILLATOR
logo
Motorola, Inc
MC12061 MOTOROLA-MC12061 Datasheet
96Kb / 9P
   Crystal Oscillator
logo
Epson Company
SG-8003CG-PCB EPSON-SG-8003CG-PCB Datasheet
1Mb / 3P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
   Crystal Oscillator
logo
NIHON DEMPA KOGYO
NH37M28LN NDK-NH37M28LN Datasheet
695Kb / 1P
   Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com