Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML12052 Datasheet(PDF) 1 Page - LANSDALE Semiconductor Inc.

Part # ML12052
Description  1.1 GHz Super Low Power Dual Modulus Prescaler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12052 Datasheet(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML12052_08 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12052_08 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12052_08 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12052_08 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12052_08 Datasheet HTML 5Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.lansdale.com
Page 1 of 5
Issue A
ML12052
1.1 GHz Super Low
Power Dual Modulus
Prescaler
Legacy Device: Motorola MC12052A
The ML12052 is a super low power dual modulus prescaler
used in phase–locked loop applications with low power dissipa-
tion of 2.7 mW at a minimum supply voltage of 2.7 V.
The ML12052 can be used with CMOS synthesizers requiring
positive edges to trigger internal counters such as Motorola's
MC145xxx or Lansdale’s ML145xxx series in a PLL to provide
tuning signals up to 1.1 GHz in programmable frequency steps.
A Divide Ratio Control (SW) permits selection of a 64/65 or
128/129 divide ratio as desired.
The Modulus Control (MC) selects the proper divide number
after SW has been biased to select the desired divide ratio.
• 1.1 GHz Toggle Frequency
• The ML12052 is Pin and Functionally Compatible with the
Motorola or ON Semiconductor MC12022
• Low Power 1.0 mA Typical
• 2.0 mA Maximum, VCC = 2.7 to 5.5 Vdc
• Short Setup Time (tset) 16 ns Maximum @ 1.1 GHz
• Modulus Control Input Level is Compatible with Standard
CMOS and TTL
• Maximum Input Voltage Should Be Limited to 6.5 Vdc
• Operating Temperature Range TA = –40 to 85°C
FUNCTIONAL TABLE
SW
MC
Divide Ratio
H
H
64
H
L
65
L
H
128
L
L
129
NOTES: 1. SW: H = VCC, L = Open. A logic L can also be applied by grounding this pin,
but this is not recommended due to increased power consumption.
2. MC: H = 2.0 V to VCC, L = GND to 0.8 V.
MAXIMUM RATINGS
Characteristic
Symbol
Range
Unit
Power Supply Voltage, Pin 2
VCC
–0.5 to 7.0
Vdc
Operating Temperature Range
TA
–40 to 85
°C
Storage Temperature Range
Tstg
–65 to 150
°C
Modulus Control Input, Pin 6
MC
–0.5 to 6.5
Vdc
SO 8 = -5P
PLASTIC PACKAGE
CASE 751
(SO–8)
1
8
SO 8
MC12052AD
ML12052-5P
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
PIN CONNECTIONS
IN
(Top View)
8
IN
VCC
SW
OUT
NC
MC
Gnd
7
6
5
1
2
3
4
MECL PLL COMPONENTS ÷64/65, ÷128/129 DUAL MODULUS PRESCALER
SEMICONDUCTOR TECHNICAL DATA


Similar Part No. - ML12052_08

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12052-5P LANSDALE-ML12052-5P Datasheet
292Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
More results

Similar Description - ML12052_08

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12052 LANSDALE-ML12052 Datasheet
292Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12052A MOTOROLA-MC12052A Datasheet
252Kb / 4P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12038 LANSDALE-ML12038 Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038 LANSDALE-ML12038_08 Datasheet
464Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12058 MOTOROLA-MC12058 Datasheet
260Kb / 6P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026A ONSEMI-MC12026A Datasheet
50Kb / 8P
   1.1 GHz Dual Modulus Prescaler
November, 2001 ??Rev. 7
MC12026A ONSEMI-MC12026A_16 Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
logo
Motorola, Inc
MC12053A MOTOROLA-MC12053A Datasheet
252Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler With Stand-By Mode
logo
LANSDALE Semiconductor ...
ML12054A LANSDALE-ML12054A_08 Datasheet
94Kb / 4P
   2.0 GHz Super Low Power Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com