Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML12038 Datasheet(PDF) 5 Page - LANSDALE Semiconductor Inc.

Part # ML12038
Description  1.1 GHz Low Power Dual Modulus Prescaler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12038 Datasheet(HTML) 5 Page - LANSDALE Semiconductor Inc.

  ML12038_08 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12038_08 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12038_08 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12038_08 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12038_08 Datasheet HTML 5Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.lansdale.com
Page 5 of 5
Issue 0
Lansdale Semiconductor reserves the right to make changes without further notice to any products herein to improve reliabili-
ty, function or design. Lansdale does not assume any liability arising out of the application or use of any product or circuit
described herein; neither does it convey any license under its patent rights nor the rights of others. “Typical” parameters which
may be provided in Lansdale data sheets and/or specifications can vary in different applications, and actual performance may
vary over time. All operating parameters, including “Typicals” must be validated for each customer application by the customer’s
technical experts. Lansdale Semiconductor is a registered trademark of Lansdale Semiconductor, Inc.
LANSDALE Semiconductor, Inc.
ML12038
θ
θ
(ML12038-5P)
°
P DIP 8 = PP
PLASTIC PACKAGE
(ML12038PP)
CASE 626-04


Similar Part No. - ML12038_08

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12038-5P LANSDALE-ML12038-5P Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038AD LANSDALE-ML12038AD Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038AP LANSDALE-ML12038AP Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038PP LANSDALE-ML12038PP Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
More results

Similar Description - ML12038_08

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12038 LANSDALE-ML12038 Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12058 MOTOROLA-MC12058 Datasheet
260Kb / 6P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026A ONSEMI-MC12026A Datasheet
50Kb / 8P
   1.1 GHz Dual Modulus Prescaler
November, 2001 ??Rev. 7
MC12026A ONSEMI-MC12026A_16 Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
logo
LANSDALE Semiconductor ...
ML12052 LANSDALE-ML12052_08 Datasheet
106Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
ML12052 LANSDALE-ML12052 Datasheet
292Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12052A MOTOROLA-MC12052A Datasheet
252Kb / 4P
   1.1 GHz Super Low Power Dual Modulus Prescaler
MC12053A MOTOROLA-MC12053A Datasheet
252Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler With Stand-By Mode
logo
LANSDALE Semiconductor ...
ML12054A LANSDALE-ML12054A_08 Datasheet
94Kb / 4P
   2.0 GHz Super Low Power Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com