Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML12038AP Datasheet(PDF) 3 Page - LANSDALE Semiconductor Inc.

Part # ML12038AP
Description  1.1 GHz Low Power Dual Modulus Prescaler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12038AP Datasheet(HTML) 3 Page - LANSDALE Semiconductor Inc.

  ML12038AP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12038AP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12038AP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12038AP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12038AP Datasheet HTML 5Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.lansdale.com
Page 3 of 5
Issue 0
Figure 4. AC Test Circuit
EXTERNAL COMPONENTS
C1 = C2 = 1000 pF
C3 = 0.1
µF
CL = 8.0 pF (Including Scope
and jig capacitance)
CL
MC Input
C2
C1
C3
VCC 4.5 TO 5.5 Vdc
50
Sine Wave Generator
SW
VCC
OUT
GND
MC
IN
IN
0
250
500
750
1000
1250
1500
Figure 5. Input Signal Amplitude versus Input Frequency
+15.0
+10.0
+5.0
0
-5.0
-10.0
-15.0
-20.0
-25.0
-30.0
-35.0
-40.0
-45.0
-50.0
+1250
+0.71
+1.25
+2.25
+4.0
+7.1
+12.8
+22.5
+40.0
+71.0
+125
+225
+400
+710
0
FREQUENCY (MHz)
FREQUENCY (MHz)
0
1000
2000
3000
4000
5000
Figure 6. Output Amplitude versus Input Frequency
250
500
750
1000
1250
1500
Divide Ratio = 128; VCC = 5.0 V; TA = 25°C
LANSDALE Semiconductor, Inc.
ML12038


Similar Part No. - ML12038AP

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12038AP LANSDALE-ML12038AP Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
More results

Similar Description - ML12038AP

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12038 LANSDALE-ML12038 Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12058 MOTOROLA-MC12058 Datasheet
260Kb / 6P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026A ONSEMI-MC12026A Datasheet
50Kb / 8P
   1.1 GHz Dual Modulus Prescaler
November, 2001 ??Rev. 7
MC12026A ONSEMI-MC12026A_16 Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
logo
LANSDALE Semiconductor ...
ML12052 LANSDALE-ML12052_08 Datasheet
106Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
ML12052 LANSDALE-ML12052 Datasheet
292Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12052A MOTOROLA-MC12052A Datasheet
252Kb / 4P
   1.1 GHz Super Low Power Dual Modulus Prescaler
MC12053A MOTOROLA-MC12053A Datasheet
252Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler With Stand-By Mode
logo
LANSDALE Semiconductor ...
ML12054A LANSDALE-ML12054A_08 Datasheet
94Kb / 4P
   2.0 GHz Super Low Power Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com