Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML12019-5P Datasheet(PDF) 1 Page - LANSDALE Semiconductor Inc.

Part # ML12019-5P
Description  Dual Modulus Prescaler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12019-5P Datasheet(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML12019-5P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12019-5P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12019-5P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12019-5P Datasheet HTML 4Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.lansdale.com
Page 1 of 4
ML12019
Dual Modulus Prescaler
Legacy Device: Motorola MC12019
The ML12019 is a divide by 20 and 21 dual modulus
prescaler. It will devide by 20 when the modulus control
input is HIGH and divide by 21 when the modulus control
input is LOW.
• 225 MHz Toggle Frequency
• Low–Power 7.5 mA Maximum at 5.5 V
• Control Input is Compatible with Standard
Motorola or Lansdale CMOS Synthesizers
• Emitter Follower Output
• Operating Temperature Range TA = –40 to 85°C
SIMPLIFIED BLOCK DIAGRAM
VCC
0.1 µF
6
0.001µF
Signal
Gnd
5
0.001µF
Signal
Input
3
Output
Control
Input
1
10 k
Gnd
4
7
N / N+1
SO 8 = -5P
PLASTIC PACKAGE
CASE 751
(SO–8)
P DIP 8 = PP
PLASTIC PACKAGE
CASE 626-04
1
8
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P-DIP 8
MC12019P
ML12019PP
SO 8
MC12019D
ML12019-5P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
PIN CONNECTIONS
NC
(Top View)
8
IN
NE
Out
Gnd
VCC
SGnd
SIN
7
6
5
1
2
3
4
MECL PLL COMPONENTS ÷20/21 DUAL MODULUS
SEMICONDUCTOR TECHNICAL DATA
Issue B


Similar Part No. - ML12019-5P

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12019-5P LANSDALE-ML12019-5P Datasheet
958Kb / 4P
   Dual Modulus Prescaler
More results

Similar Description - ML12019-5P

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12015 LANSDALE-ML12015 Datasheet
310Kb / 4P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12009 MOTOROLA-MC12009 Datasheet
214Kb / 15P
   Dual Modulus Prescaler
logo
Freescale Semiconductor...
MC12019 FREESCALE-MC12019 Datasheet
237Kb / 3P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12015 MOTOROLA-MC12015 Datasheet
240Kb / 3P
   Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12019 LANSDALE-ML12019 Datasheet
958Kb / 4P
   Dual Modulus Prescaler
ML12015 LANSDALE-ML12015_08 Datasheet
135Kb / 4P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12018 MOTOROLA-MC12018 Datasheet
53Kb / 4P
   520MHz Dual Modulus Prescaler
MC12022A MOTOROLA-MC12022A Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
MC12026A MOTOROLA-MC12026A Datasheet
66Kb / 6P
   1.1GHz Dual Modulus Prescaler
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com