Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1539DL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI1539DL
Description  Complementary 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1539DL Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1539DL Datasheet HTML 1Page - Vishay Siliconix SI1539DL Datasheet HTML 2Page - Vishay Siliconix SI1539DL Datasheet HTML 3Page - Vishay Siliconix SI1539DL Datasheet HTML 4Page - Vishay Siliconix SI1539DL Datasheet HTML 5Page - Vishay Siliconix SI1539DL Datasheet HTML 6Page - Vishay Siliconix SI1539DL Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Si1539DL
Vishay Siliconix
www.vishay.com
2-2
Document Number: 71250
S-21374—Rev. B, 12-Aug-02
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
VDS = VGS, ID = 250 mA
N-Ch
1.0
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 mA
P-Ch
-1.0
V
"
N-Ch
"100
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
P-Ch
"100
nA
VDS = 24 V, VGS = 0 V
N-Ch
1
VDS = -24 V, VGS = 0 V
P-Ch
-1
m
Zero Gate Voltage Drain Current
IDSS
VDS = 24 V, VGS = 0 V, TJ = 85_C
N-Ch
5
mA
VDS = -24 V, VGS = 0 V, TJ = 85_C
P-Ch
-5
VDS w 5 V, VGS = 10 V
N-Ch
1.0
On-State Drain Currenta
ID(on)
VDS p -5 V, VGS = -10 V
P-Ch
-1.0
A
VGS = 10 V, ID = 0.59 A
N-Ch
0.410
0.480
VGS = -10 V, ID = -0.42 A
P-Ch
0.800
0.940
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 0.2 A
N-Ch
0.600
0.700
W
VGS = -4.5 V, ID = -0.2 A
P-Ch
1.5
1.700
VDS = 15 V, ID = 0.59 A
N-Ch
0.75
Forward Transconductancea
gfs
VDS = -15 V, ID = -0.42 A
P-Ch
0.5
S
IS = 0.23 A, VGS = 0 V
N-Ch
0.8
1.2
Diode Forward Voltagea
VSD
IS = -0.23 A, VGS = 0 V
P-Ch
-0.86
-1.2
V
Dynamicb
N-Ch
0.86
1.4
Total Gate Charge
Qg
N-Channel
P-Ch
0.9
1.4
N-Channel
VDS = 15 V, VGS = 10 V, ID = 0.59 A
N-Ch
0.24
Gate-Source Charge
Qgs
P-Channel
P-Ch
0.21
nC
VDS = -15 V, VGS = -10 V, ID = -0.42 A
N-Ch
0.08
Gate-Drain Charge
Qgd
P-Ch
0.17
N-Ch
5
10
Turn-On Delay Time
td(on)
P-Ch
4
10
N-Channel
W
N-Ch
8
15
Rise Time
tr
VDD = 15 V, RL = 30 W
ID ^ 0.5 A, VGEN = 10 V, RG = 6 W
P-Ch
8
15
P-Channel
W
N-Ch
8
15
Turn-Off Delay Time
td(off)
P-Channel
VDD = -15 V, RL = 30 W
I
^ -0.5 A, V
= -10 V, R = 6
W
P-Ch
5
10
ns
ID ^ -0.5 A, VGEN = -10 V, RG = 6 W
N-Ch
7
15
Fall Time
tf
P-Ch
7
15
Source-Drain
IF = 0.23 A, di/dt = 100 A/ms
N-Ch
15
30
Source-Drain
Reverse Recovery Time
trr
IF = -0.23 A, di/dt = 100 A/ms
P-Ch
20
40
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.


Similar Part No. - SI1539DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1539DL VISHAY-SI1539DL Datasheet
88Kb / 8P
   Complementary 30-V (D-S) MOSFET
S-21374-Rev. B, 12-Aug-02
SI1539DL VISHAY-SI1539DL Datasheet
127Kb / 8P
   Complementary 30 V (G-S) MOSFET
01-Jan-2022
SI1539DL VISHAY-SI1539DL_08 Datasheet
88Kb / 8P
   Complementary 30-V (D-S) MOSFET
S-21374-Rev. B, 12-Aug-02
SI1539DL VISHAY-SI1539DL_V01 Datasheet
127Kb / 8P
   Complementary 30 V (G-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1539DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5504DC VISHAY-SI5504DC Datasheet
65Kb / 7P
   Complementary 30-V (D-S) MOSFET
Rev. B, 05-Aug-02
SI7501DN-T1-E3 VISHAY-SI7501DN-T1-E3 Datasheet
565Kb / 15P
   Complementary 30-V (D-S) MOSFET
Rev. D, 07-Jul-08
SI5504DC VISHAY-SI5504DC_V01 Datasheet
125Kb / 8P
   Complementary 30 V (D-S) MOSFET
18-Jul-08
SI7501DN VISHAY-SI7501DN Datasheet
120Kb / 9P
   Complementary 30-V (D-S) MOSFET
01-Jan-2022
logo
Guangdong Kexin Industr...
KI1539DL KEXIN-KI1539DL Datasheet
55Kb / 2P
   Complementary 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI1539DL VISHAY-SI1539DL_08 Datasheet
88Kb / 8P
   Complementary 30-V (D-S) MOSFET
S-21374-Rev. B, 12-Aug-02
logo
Guangdong Kexin Industr...
KI5504DC KEXIN-KI5504DC Datasheet
70Kb / 2P
   Complementary 30-V (D-S) MOSFET
logo
Vishay Siliconix
72173 VISHAY-72173 Datasheet
87Kb / 8P
   Complementary 30-V (D-S) MOSFET
Rev. B, 24-Nov-03
SI1539DL VISHAY-SI1539DL_V01 Datasheet
127Kb / 8P
   Complementary 30 V (G-S) MOSFET
01-Jan-2022
SI5515DC VISHAY-SI5515DC_V01 Datasheet
272Kb / 13P
   Complementary 20 V (D-S) MOSFET
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com