Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1539DL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI1539DL
Description  Complementary 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1539DL Datasheet(HTML) 3 Page - Vishay Siliconix

  SI1539DL Datasheet HTML 1Page - Vishay Siliconix SI1539DL Datasheet HTML 2Page - Vishay Siliconix SI1539DL Datasheet HTML 3Page - Vishay Siliconix SI1539DL Datasheet HTML 4Page - Vishay Siliconix SI1539DL Datasheet HTML 5Page - Vishay Siliconix SI1539DL Datasheet HTML 6Page - Vishay Siliconix SI1539DL Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Si1539DL
Vishay Siliconix
Document Number: 71250
S-21374—Rev. B, 12-Aug-02
www.vishay.com
2-3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
N−CHANNEL
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 10 thru 4 V
TC = 125_C
-55
_C
3 V
25
_C
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
0
10
20
30
40
50
60
04
8
12
16
20
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
0
2
4
6
8
10
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.4
0.8
1.2
1.6
0.0
0.2
0.4
0.6
0.8
1.0
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS = 15 V
ID = 0.59 A
ID - Drain Current (A)
VGS = 10 V
ID = 0.59 A
VGS = 4.5 V
Gate Charge
On-Resistance vs. Drain Current
Qg - Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ - Junction Temperature (_C)
VGS = 10 V


Similar Part No. - SI1539DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1539DL VISHAY-SI1539DL Datasheet
88Kb / 8P
   Complementary 30-V (D-S) MOSFET
S-21374-Rev. B, 12-Aug-02
SI1539DL VISHAY-SI1539DL Datasheet
127Kb / 8P
   Complementary 30 V (G-S) MOSFET
01-Jan-2022
SI1539DL VISHAY-SI1539DL_08 Datasheet
88Kb / 8P
   Complementary 30-V (D-S) MOSFET
S-21374-Rev. B, 12-Aug-02
SI1539DL VISHAY-SI1539DL_V01 Datasheet
127Kb / 8P
   Complementary 30 V (G-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1539DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5504DC VISHAY-SI5504DC Datasheet
65Kb / 7P
   Complementary 30-V (D-S) MOSFET
Rev. B, 05-Aug-02
SI7501DN-T1-E3 VISHAY-SI7501DN-T1-E3 Datasheet
565Kb / 15P
   Complementary 30-V (D-S) MOSFET
Rev. D, 07-Jul-08
SI5504DC VISHAY-SI5504DC_V01 Datasheet
125Kb / 8P
   Complementary 30 V (D-S) MOSFET
18-Jul-08
SI7501DN VISHAY-SI7501DN Datasheet
120Kb / 9P
   Complementary 30-V (D-S) MOSFET
01-Jan-2022
logo
Guangdong Kexin Industr...
KI1539DL KEXIN-KI1539DL Datasheet
55Kb / 2P
   Complementary 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI1539DL VISHAY-SI1539DL_08 Datasheet
88Kb / 8P
   Complementary 30-V (D-S) MOSFET
S-21374-Rev. B, 12-Aug-02
logo
Guangdong Kexin Industr...
KI5504DC KEXIN-KI5504DC Datasheet
70Kb / 2P
   Complementary 30-V (D-S) MOSFET
logo
Vishay Siliconix
72173 VISHAY-72173 Datasheet
87Kb / 8P
   Complementary 30-V (D-S) MOSFET
Rev. B, 24-Nov-03
SI1539DL VISHAY-SI1539DL_V01 Datasheet
127Kb / 8P
   Complementary 30 V (G-S) MOSFET
01-Jan-2022
SI5515DC VISHAY-SI5515DC_V01 Datasheet
272Kb / 13P
   Complementary 20 V (D-S) MOSFET
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com