Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4924DY Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SI4924DY
Description  Asymetrical Dual N-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4924DY Datasheet(HTML) 5 Page - Vishay Siliconix

  SI4924DY Datasheet HTML 1Page - Vishay Siliconix SI4924DY Datasheet HTML 2Page - Vishay Siliconix SI4924DY Datasheet HTML 3Page - Vishay Siliconix SI4924DY Datasheet HTML 4Page - Vishay Siliconix SI4924DY Datasheet HTML 5Page - Vishay Siliconix SI4924DY Datasheet HTML 6Page - Vishay Siliconix SI4924DY Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Si4924DY
Vishay Siliconix
Document Number: 71163
S-03950—Rev. B, 26-May-03
www.vishay.com
5
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
CHANNEL−1
10-3
10-2
110
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Foot
Square Wave Pulse Duration (sec)
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
CHANNEL−2
0
10
20
30
40
50
01234
0.000
0.004
0.008
0.012
0.016
0.020
0
10203040
50
0
10
20
30
40
50
0
2468
10
0
500
1000
1500
2000
2500
3000
3500
0
5
10
15
20
25
30
VGS = 10 thru 4 V
25
_C
TC = 125_C
Crss
Coss
Ciss
VGS = 4.5 V
VGS = 10 V
-55
_C
3 V
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
VDS - Drain-to-Source Voltage (V)
ID - Drain Current (A)
Capacitance
1, 2 V


Similar Part No. - SI4924DY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI4920DY FAIRCHILD-SI4920DY Datasheet
217Kb / 5P
   Dual N-Channel, Logic Level, PowerTrench MOSFET
logo
Vishay Siliconix
SI4920DY VISHAY-SI4920DY Datasheet
215Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
18-May-04
SI4920DY VISHAY-SI4920DY Datasheet
84Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI4920DY-T1 VISHAY-SI4920DY-T1 Datasheet
225Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. E, 04-May-09
SI4920DY-T1-E3 VISHAY-SI4920DY-T1-E3 Datasheet
225Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. E, 04-May-09
More results

Similar Description - SI4924DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com