Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7886DP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI7886DP
Description  N-Channel 30-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7886DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7886DP Datasheet HTML 1Page - Vishay Siliconix SI7886DP Datasheet HTML 2Page - Vishay Siliconix SI7886DP Datasheet HTML 3Page - Vishay Siliconix SI7886DP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
D TrenchFETr Power MOSFET
D Optimized for “Low Side” Synchronous
Rectifier Operation
D New Low Thermal Resistance PowerPAKt
Package with Low 1.07-mm Profile
APPLICATIONS
D DC/DC Converters
D Synchronous Rectifiers
Si7886DP
Vishay Siliconix
New Product
Document Number: 71842
S-20350—Rev. A, 18-Apr-02
www.vishay.com
1
N-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
0.0045 @ VGS = 10 V
25
30
0.0055 @ VGS = 4.5 V
23
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
6.15 mm
5.15 mm
PowerPAK
t SO-8
Bottom View
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
30
Gate-Source Voltage
VGS
"12
V
_
TA = 25_C
25
15
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
20
12
Pulsed Drain Current (10
ms Pulse Width)
IDM
60
A
Continuous Source Current (Diode Conduction)a
IS
4.5
1.6
TA = 25_C
5.4
1.9
Maximum Power Dissipationa
TA = 70_C
PD
3.4
1.2
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
t
v 10 sec
18
23
Maximum Junction-to-Ambienta
Steady State
RthJA
50
65
_C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
1.0
1.5
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Similar Part No. - SI7886DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7886ADP VISHAY-SI7886ADP Datasheet
84Kb / 5P
   N-Channel 30-V D-S MOSFET
Rev. B, 23-May-05
SI7886ADP-T1 VISHAY-SI7886ADP-T1 Datasheet
84Kb / 5P
   N-Channel 30-V D-S MOSFET
Rev. B, 23-May-05
SI7886ADP-T1-E3 VISHAY-SI7886ADP-T1-E3 Datasheet
84Kb / 5P
   N-Channel 30-V D-S MOSFET
Rev. B, 23-May-05
More results

Similar Description - SI7886DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com