Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEWTS1006 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PEWTS1006
Description  WR-75 to WR-62 Waveguide Transition 3 Inch Length, Square Cover Flange to UG-1665/U Square Cover Flange
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWTS1006 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PEWTS1006 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWTS1006 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWTS1006 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Typical Performance Data
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
12.4
13.2
14.0
14.8
15.6
16.4
17.2
18.0
12.4 GHz
VSWR
2
WR-75 to WR-62 Waveguide Transition 3 Inch Length, Square Cover Flange to UG-1665/U Square Cover Flange from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-75 to WR-62 Waveguide Transition 3 Inch Length, Square Cover Flange to UG-1665/U
Square Cover Flange
PEWTS1006
URL: http://www.pasternack.com/wr75-wr62-waveguide-transition-square-ug1665-square-pewts1006-p.aspx
PEWTS1006 REV 1.0
PEWTS1006
WR-75 to WR-62 Waveguide Transition 3 Inch Length,
Square Cover Flange to UG-1665/U Square Cover Flange
Waveguide Transitions Technical Data Sheet


Similar Part No. - PEWTS1006

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWTS1000 PASTERNACK-PEWTS1000 Datasheet
357Kb / 3P
   WR-137 to WR-112 Waveguide Transition 6 Inch Length, UG-344/U Round Cover Flange to UG-51/U Square Cover Flange
PEWTS1001 PASTERNACK-PEWTS1001 Datasheet
402Kb / 3P
   WR-137 to WR-112 Waveguide Transition 6 Inch Length, CPR-137G Grooved Flange to CPR-112G Grooved Flange
PEWTS1002 PASTERNACK-PEWTS1002 Datasheet
398Kb / 3P
   WR-112 to WR-90 Waveguide Transition 3 Inch Length, UG-51/U Square Cover Flange to UG-39/U Square Cover Flange
PEWTS1003 PASTERNACK-PEWTS1003 Datasheet
388Kb / 3P
   WR-112 to WR-90 Waveguide Transition 3 Inch Length, CPR-112G Grooved Flange to CPR-90G Grooved Flange
PEWTS1004 PASTERNACK-PEWTS1004 Datasheet
397Kb / 3P
   WR-90 to WR-75 Waveguide Transition 3 Inch Length, UG-39/U Square Cover Flange to Square Cover Flange
More results

Similar Description - PEWTS1006

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWTS1007 PASTERNACK-PEWTS1007 Datasheet
397Kb / 3P
   WR-62 to WR-51 Waveguide Transition 3 Inch Length, UG-1665/U Square Cover Flange to Square Cover Flange
PEWTS1004 PASTERNACK-PEWTS1004 Datasheet
397Kb / 3P
   WR-90 to WR-75 Waveguide Transition 3 Inch Length, UG-39/U Square Cover Flange to Square Cover Flange
PEWTS1008 PASTERNACK-PEWTS1008 Datasheet
385Kb / 3P
   WR-51 to WR-42 Waveguide Transition 3 Inch Length, Square Cover Flange to UG-595/U Square Cover Flange
PEWTS1002 PASTERNACK-PEWTS1002 Datasheet
398Kb / 3P
   WR-112 to WR-90 Waveguide Transition 3 Inch Length, UG-51/U Square Cover Flange to UG-39/U Square Cover Flange
PEWTS1010 PASTERNACK-PEWTS1010 Datasheet
387Kb / 3P
   WR-34 to WR-28 Waveguide Transition 2 Inch Length, UG-1530/U Square Cover Flange to UG-599/U Square Cover Flange
PEWTS1009 PASTERNACK-PEWTS1009 Datasheet
387Kb / 3P
   WR-42 to WR-34 Waveguide Transition 2 Inch Length, UG-595/U Square Cover Flange to UG-1530/U Square Cover Flange
PE-W28TS42001 PASTERNACK-PE-W28TS42001 Datasheet
443Kb / 4P
   WR-28 to WR-42 Waveguide Transition 2 Inch Length, UG-599/U Square Cover Flange to UG-595/U Square Cover Flange
PEWTS1000 PASTERNACK-PEWTS1000 Datasheet
357Kb / 3P
   WR-137 to WR-112 Waveguide Transition 6 Inch Length, UG-344/U Round Cover Flange to UG-51/U Square Cover Flange
PE-W22TS42001 PASTERNACK-PE-W22TS42001 Datasheet
451Kb / 4P
   WR-22 to WR-42 Waveguide Transition 2 Inch Length, UG-383/U Round Cover Flange to UG-595/U Square Cover Flange
PE-W22TS28001 PASTERNACK-PE-W22TS28001 Datasheet
424Kb / 4P
   WR-22 to WR-28 Waveguide Transition 2 Inch Length, UG-383/U Round Cover Flange to UG-599/U Square Cover Flange
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com