Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13155D Datasheet(PDF) 4 Page - LANSDALE Semiconductor Inc.

Part # MC13155D
Description  Wideband FM IF
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC13155D Datasheet(HTML) 4 Page - LANSDALE Semiconductor Inc.

  MC13155D Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC13155D Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC13155D Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC13155D Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC13155D Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC13155D Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC13155D Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC13155D Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC13155D Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.lansdale.com
Page 4 of 16
Issue A
ML13155
LANSDALE Semiconductor, Inc.
– 5.0 Vdc
Vin, INPUT VOLTAGE (mVrms)
TA, AMBIENT TEMPERATURE (°C)
0.1
TA, AMBIENT TEMPERATURE (°C)
10
f, FREQUENCY (MHz)
– 50
TA, AMBIENT TEMPERATURE (°C)
Figure 3. Drain Current versus Supply Voltage
Figure 4. RSSI Output versus Frequency and
Input Signal Level
Figure 5. Total Drain Current versus Ambient
Temperature and Supply Voltage
Figure 6. Detector Drain Current and Limiter
Drain Current versus Ambient Temperature
Figure 7. RSSI Output versus Ambient
Temperature and Supply Voltage
0.0
VEE, SUPPLY VOLTAGE (–Vdc)
Figure 8. RSSI Output versus Input Signal
Voltage (Vin at Temperature)
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
100
1000
– 30
– 10
10
30
50
70
90
110
1.0
10
100
1000
TA = 25°C
0 dBm
–10 dBm
– 20 dBm
– 30 dBm
– 40 dBm
I14
– 50
– 30
–10
10
30
50
70
90
110
– 50
– 30
–10
10
30
50
70
90
110
I11
ITotal = I14 + I11
I14
VEE = – 5.0Vdc
f = 70 MHz
VEE = – 5.0 Vdc
VEE = – 6.0 Vdc
– 3.0 Vdc
VEE = – 6.0 Vdc
VEE = – 5.0 Vdc
VEE = – 3.0 Vdc
TA = + 85°C
– 40°C
+ 25°C
TYPICAL PERFORMANCE AT TEMPERATURE
(See Figure 2. Test Circuit)
100
5.5
9.0
10
8.0
6.0
4.0
2.0
0.0
100
80
60
40
20
0
5.0
5.0
4.5
4.0
3.5
3.0
2.0
80
60
40
20
0
25.0
24.5
24.0
23.5
23.0
22.5
22.0
21.5
8.5
8.0
7.5
7.0
6.5
6.0
5.5
2.5


Similar Part No. - MC13155D

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC13155D LANSDALE-MC13155D Datasheet
1,018Kb / 16P
   Wideband FM IF
logo
Motorola, Inc
MC13155D MOTOROLA-MC13155D Datasheet
310Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155D NXP-MC13155D Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
More results

Similar Description - MC13155D

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155 Datasheet
1,018Kb / 16P
   Wideband FM IF
logo
Motorola, Inc
MC13155 MOTOROLA-MC13155 Datasheet
310Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
ML13156 LANSDALE-ML13156 Datasheet
3Mb / 21P
   Wideband FM IF System
ML13156 LANSDALE-ML13156_08 Datasheet
2Mb / 21P
    Wideband FM IF System
logo
Motorola, Inc
MC13156 MOTOROLA-MC13156 Datasheet
363Kb / 20P
   Wideband FM IF System
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
Motorola, Inc
MC13158 MOTOROLA-MC13158 Datasheet
381Kb / 24P
   WIDEBAND FM IF SUBSYSTEM FOR DECT AND DIGITAL APPLICATIONS
logo
LANSDALE Semiconductor ...
ML13158 LANSDALE-ML13158 Datasheet
1,008Kb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
logo
Motorola, Inc
MC13159 MOTOROLA-MC13159 Datasheet
157Kb / 8P
   WIDEBAND FM IF SUBSYSTEM FOR PHS AND DIGITAL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com