Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML13156 Datasheet(PDF) 9 Page - LANSDALE Semiconductor Inc.

Part # ML13156
Description   Wideband FM IF System
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13156 Datasheet(HTML) 9 Page - LANSDALE Semiconductor Inc.

Back Button ML13156 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13156 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13156 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13156 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13156 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML13156 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML13156 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML13156 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML13156 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LANSDALE Semiconductor, Inc.
ML13156
Figure 14. Data Slicer Circuit
64 k
9
15
19
18
16
17
VCC
VEE
64 k
64 k
16 k
16 k
32 k
36 k
36 k
8.0 k
8.0 k
Q10
Q8
Q17
Q18
Q19
Q16
Q20
Q12
Q13
Q4
Q9
Q11
Q2
Q1
Q3
Q5
Q7
Q6
Q14
Q15
DS Gnd
DS Hold
Data Out
DS In
Input Diode
Clamp Circuit
(Q1 to Q9)
Voltage
Regulator
(Q10, Q11)
Differential
Input Amplifier
(Q12, Q13)
Driver and
Output Circuit
(Q14, Q20)
150
0.6
0.5
V15, INPUT VOLTAGE (Vdc)
Figure 15. Data Slicer Input/Output Currents
versus Input Voltage
V15, INPUT VOLTAGE (Vdc)
Figure 16. Data Slicer Input Current
versus Input Voltage
VEE = –3.0 Vdc
V18 = 0 Vdc
(No Hold)
0.3
0.1
–0.1
–0.3
–0.5
0.8
1.0
1.2
100
50
0
–50
–100
VEE = –3.0 Vdc
–1.0
–0.5
0
0.5
1.0
1.5
2.0
No Hold
V18 = 0 Vdc
1.4
1.6
1.8
2.5
1.5
0.5
–0.5
–1.5
–2.5
Output Current
(I17)
Hold
V18 ≥1
2.5
3.0
No Hold
Hold
Input Current
(I15)
Legacy Applications Information
www.lansdale.com
Page 9 of 21
Issue A


Similar Part No. - ML13156

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13156 LANSDALE-ML13156 Datasheet
3Mb / 21P
   Wideband FM IF System
ML13156-6P LANSDALE-ML13156-6P Datasheet
3Mb / 21P
   Wideband FM IF System
ML13156-8P LANSDALE-ML13156-8P Datasheet
3Mb / 21P
   Wideband FM IF System
More results

Similar Description - ML13156

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13156 LANSDALE-ML13156 Datasheet
3Mb / 21P
   Wideband FM IF System
logo
Motorola, Inc
MC13156 MOTOROLA-MC13156 Datasheet
363Kb / 20P
   Wideband FM IF System
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155 Datasheet
1,018Kb / 16P
   Wideband FM IF
logo
Motorola, Inc
MC13155 MOTOROLA-MC13155 Datasheet
310Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
   FM IF SYSTEM
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
   FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
   FM IF SYSTEM
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
   FM IF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com