Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML13158-8P Datasheet(PDF) 1 Page - LANSDALE Semiconductor Inc.

Part # ML13158-8P
Description  Wideband FM IF Subsystem For Dect and Digital Applications
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13158-8P Datasheet(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML13158-8P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13158-8P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13158-8P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13158-8P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13158-8P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13158-8P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13158-8P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13158-8P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13158-8P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.lansdale.com
ML13158
Wideband FM IF Subsystem
For Dect and Digital Applications
Page 1 of 23
Issue B
Legacy Device: Motorola MC13158
The ML13158 is a wideband IF subsystem that is designed for high per-
formance data and analog applications. The ML13158 has an on–board
grounded collector VCO transistor that may be used with a fundamental
or overtone crystal in single channel operation or with a PLL in
multi–channel operation. The mixer is useful to 500 MHz and may be
used in a balanced differential or a single ended configuration. The IF
amplifier is split to accommodate two low cost cascaded filters. RSSI
output is derived by summing the output of both IF sections. A precision
data shaper has an Off function to shut the output off to save current. An
enable control is provided to power down the IC for power management
in battery operated applications.
Applications include DECT, wideband wireless data links for personal
and portable laptop computers and other battery operated radio systems
which utilize GFSK, FSK or FM modulation.
• Designed for DECT Applications
• 1.8 to 6.0 Vdc Operating Voltage
• Low Power Consumption in Active and Standby Mode
• Greater than 600 kHz Detector Bandwidth
• Data Slicer with Special Off Function
• Enable Function for Power Down of Battery Operated Systems
• RSSI Dynamic Range of 80 dB Minimum
• Low External Component Count
• Operating Temperature Range – TA = –40 to +85°C
QFP 32 = 8P
PLASTIC QFP PACKAGE
CASE 873
32
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
QFP 32
MC13158FTB
ML13158-8P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.


Similar Part No. - ML13158-8P

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13158-8P LANSDALE-ML13158-8P Datasheet
1,008Kb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
More results

Similar Description - ML13158-8P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13158 MOTOROLA-MC13158 Datasheet
381Kb / 24P
   WIDEBAND FM IF SUBSYSTEM FOR DECT AND DIGITAL APPLICATIONS
logo
LANSDALE Semiconductor ...
ML13158 LANSDALE-ML13158 Datasheet
1,008Kb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
logo
Motorola, Inc
MC13159 MOTOROLA-MC13159 Datasheet
157Kb / 8P
   WIDEBAND FM IF SUBSYSTEM FOR PHS AND DIGITAL APPLICATIONS
logo
NXP Semiconductors
AN1998 PHILIPS-AN1998_15 Datasheet
1Mb / 20P
   An FM/IF system for DECT and other high-speed GFSK applications
Rev. 3-24 July 2014
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155 Datasheet
1,018Kb / 16P
   Wideband FM IF
logo
Motorola, Inc
MC13155 MOTOROLA-MC13155 Datasheet
310Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com