Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML14469 Datasheet(PDF) 3 Page - LANSDALE Semiconductor Inc.

Part # ML14469
Description  Addressable Asynchronous Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML14469 Datasheet(HTML) 3 Page - LANSDALE Semiconductor Inc.

  ML14469_08 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML14469_08 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML14469_08 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML14469_08 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML14469_08 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML14469_08 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML14469_08 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML14469_08 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML14469_08 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.lansdale.com
Page 3 of 10
Issue 0
LANSDALE Semiconductor, Inc.
ML14469
MAXIMUM RATINGS (Voltages referenced to VSS)
Rating
Symbol
Value
Unit
DC Supply Voltage
VDD
– 0.5 to + 18
V
Input Voltage, All Inputs
Vin
– 0.5 to VDD + 0.5
V
DC Current Drain per Pin
I
10
mA
Operating Temperature Range
TA
– 40 to + 85
°C
Storage Temperature Range
Tstg
– 65 to + 150
°C
ELECTRICAL CHARACTERISTICS (Voltages referenced to VSS)
– 40
°C
25
°C
85
°C
Characteristic
Symbol
VDD
Min
Max
Min
Max
Min
Max
Unit
Output Voltage
Vin =VDD or 0
“0” Level
VOL
5.0
10
15
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
V
Vin = 0 or VDD
“1” Level
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
4.95
9.95
14.95
V
Input Voltage (Except OSC1)
VO = 4.5 or 0.5 V
“0” Level
VO = 9.0 or 1.0 V
VO = 13.5 or 1.5 V
VIL
5.0
10
15
1.5
3.0
4.0
1.5
3.0
4.0
1.5
3.0
4.0
V
VO = 0.5 or 4.5 V
“1” Level
VO = 1.0 or 9.0 V
VO = 1.5 or 13.5 V
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
3.5
7.0
11
V
Output Drive Current (Except OSC2)
VOH = 2.5 V
Source
VOH = 4.6 V
VOH = 9.5 V
VOH = 13.5 V
IOH
5.0
5.0
10
15
– 1.0
– 0.2
– 0.5
– 1.4
– 0.8
– 0.16
– 0.4
– 1.2
– 0.6
– 0.12
– 0.3
– 1.0
mA
VOL = 0.4 V
Sink
VOL = 0.5 V
VOL = 1.5 V
IOL
5.0
10
15
0.52
1.3
3.6
0.44
1.1
3.0
0.36
0.9
2.4
mA
Output Drive Current (OSC2 Only)
VOH = 2.5 V
Source
VOH = 4.6 V
VOH = 9.5 V
VOH = 13.5 V
IOH
5.0
5.0
10
15
– 0.19
– 0.04
– 0.09
– 0.29
– 0.16
– 0.035
– 0.08
– 0.27
– 0.13
– 0.03
– 0.06
– 0.2
mA
VOL = 0.4 V
Sink
VOL = 0.5 V
VOL = 1.5 V
IOL
5.0
10
15
0.1
0.17
0.5
0.085
0.14
0.42
0.07
0.1
0.3
mA
OSC Frequency*
fOSC
4.5
12
0
0
400
800
0
0
365
730
0
0
310
620
kHz
Input Current
Iin
15
± 0.3
± 0.3
± 1.0
µA
Pull–Up Current (A0 – A6, ID0 – ID7)
IUP
15
12
120
10
100
8.0
85
µA
Input Capacitance (Vin = 0)
Cin
7.5
pF
Quiescent Current (Per Package)
IDD
5.0
10
15
75
150
300
75
150
300
565
1125
2250
µA
Supply Voltage
VDD
+ 4.5
+ 18
+ 4.5
+ 18
+ 4.5
+ 18
V
* 310 kHz at 85
°C guarantees 4800 baud; 620 kHz at 85°C guarantees 9600 baud.
This device contains circuitry to protect the
inputs against damage due to high static volt-
ages or electric fields; however, it is advised that
normal precautions be taken to avoid application
of any voltage higher than maximum rated
voltages to this high–impedance circuit. For
proper operation it is recommended that Vin and
Vout be constrained to the range VSS ≤ (Vin or
Vout) ≤ VDD.
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., either VSS
or VDD).


Similar Part No. - ML14469_08

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML14469-4P LANSDALE-ML14469-4P Datasheet
473Kb / 10P
   Addressable Asynchronous Receiver/Transmitter
ML14469QP LANSDALE-ML14469QP Datasheet
473Kb / 10P
   Addressable Asynchronous Receiver/Transmitter
More results

Similar Description - ML14469_08

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14469 MOTOROLA-MC14469 Datasheet
119Kb / 12P
   ADDRESSABLE ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
LANSDALE Semiconductor ...
ML14469 LANSDALE-ML14469 Datasheet
473Kb / 10P
   Addressable Asynchronous Receiver/Transmitter
logo
IMP, Inc
EI16C450 IMP-EI16C450 Datasheet
30Kb / 1P
   Universal Asynchronous Receiver
logo
Motorola, Inc
MC68681 MOTOROLA-MC68681 Datasheet
964Kb / 35P
   Dual Asynchronous Receiver/Transmitter
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
NXP Semiconductors
SCC68681 PHILIPS-SCC68681 Datasheet
195Kb / 29P
   Dual asynchronous receiver/transmitter
2004 Apr 06
logo
Altera Corporation
A16450 ALTERA-A16450 Datasheet
282Kb / 16P
   Universal Asynchronous Receiver/Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com