Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145106P Datasheet(PDF) 1 Page - LANSDALE Semiconductor Inc.

Part # MC145106P
Description  PLL Frequency Synthesizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145106P Datasheet(HTML) 1 Page - LANSDALE Semiconductor Inc.

  MC145106P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.lansdale.com
Page 1 of 8
ML145106
PLL Frequency Synthesizer
CMOS
Legacy Device: Motorola MC145106
The ML145106 is a phase–locked loop (PLL) frequency synthesizer
constructed in CMOS on a single monolithic structure. This synthesizer
finds applications in such areas as AM radio, shortwave, amateur radio,
CB and FM transceivers. The device contains an oscillator/amplifier, a
210 or 211 divider chain for the oscillator signal, a programmable
divider chain for the input signal, and a phase detector. The ML145106
has circuitry for a 10.24 MHz oscillator or may operate with an exter-
nal signal. The circuit provides a 5.12 MHz output signal, which can be
used for frequency tripling. A 29 programmable divider divides the
input signal frequency for channel selection. The inputs to the program-
mable divider are standard ground–to–supply binary signals. Pull–down
resistors on these inputs normally set these inputs to ground enabling
these programmable inputs to be controlled from a mechanical switch
or electronic circuitry.
The phase detector may control a VCO and yields a high level signal
when input frequency is low, and a low level signal when input fre-
quency is high. An out–of–lock signal is provided from the on–chip
lock detector with a “0” level for the out–of–lock condition.
• Single Power Supply
• Wide Supply Range: 4.5 to 12 V
• Provision for 10.24 MHz Crystal Oscillator
• 5.12 MHz Output
• Programmable Division Binary Input Selects up to 29
• On–Chip Pull–Down Resistors on Programmable Divider Inputs
• Selectable Reference Divider, 210 or 211 (Including ÷ 2)
• Three–State Phase Detector
• See Application Note AN535 and Article Reprint AR254
• Chip Complexity: 880 FETs or 220 Equivalent Gates
BLOCK DIAGRAM
fin
OSCin
OSCout
DIVIDE–BY–N COUNTER 29 – 1
REFERENCE
DIVIDE 29 OR 210
÷ 2
PHASE
DETECTOR
÷2out
FS
φDetout
LD
P0 P1 P2 P3 P4 P5 P6 P7 P8
P DIP 18 = VP
PLASTIC DIP
CASE 707
SOG 20W = -6P
SOG PACKAGE
CASE 751D
18
1
20
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 18
MC145106P
ML145106VP
SOG 20W
MC145106DW
ML145106-6P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
INTERFACES WITH DUAL–MODULUS PRESCALERS
Issue b


Similar Part No. - MC145106P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145106P MOTOROLA-MC145106P Datasheet
119Kb / 8P
   PLL FREQUENCY SYNTHESIZER CMOS
logo
LANSDALE Semiconductor ...
MC145106P LANSDALE-MC145106P Datasheet
389Kb / 8P
   PLL Frequency Synthesizer CMOS
More results

Similar Description - MC145106P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com