Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPV315YBT Datasheet(PDF) 1 Page - TT Electronics.

Part # OPV315YBT
Description  Vertical Cavity Surface Emitting Laser in FC Optical Sub-Assembly
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPV315YBT Datasheet(HTML) 1 Page - TT Electronics.

  OPV315YBT Datasheet HTML 1Page - TT Electronics. OPV315YBT Datasheet HTML 2Page - TT Electronics. OPV315YBT Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OPV315AT, OPV315YBT
© TT electronics plc
Issue B
11/2016
Page 1
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The OPV315AT is a high performance 850nm VCSEL packaged for high speed communication links. OPV315AT combines all
the performance advantages of a VCSEL with the addition of a power monitor diode for precise control of optical power.
The OPV314YBT is identical electrically and optically and differ only in pin out. Refer to mechanical drawings for details.
This product’s combination of features including high speed, high output power and concentric beam makes it an ideal
transmitter for integration into all types of data communications equipment.
Applications:
Fiber channel
Gigabit Ethernet
ATM
VSR (very short reach)
Intra-system links applications
Optical backplane interconnects
Features:
850 nm VCSEL technology
High thermal stability
Up to 2.5 Gbps
Recommended for multimode fiber applications
Microbead lens
Pin out and attenuation options available upon request
Burned in for communication level reliability
High optical coupling to MM fiber
ST style receptacle


Similar Part No. - OPV315YBT

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPV315YBT OPTEK-OPV315YBT Datasheet
178Kb / 3P
   Vertical Cavity Surface Emitting Laser in ST Optical Sub-Assembly
More results

Similar Description - OPV315YBT

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPV314F TTELEC-OPV314F Datasheet
226Kb / 5P
   Vertical Cavity Surface Emitting Laser in FC Optical Sub-Assembly
OPV314AT TTELEC-OPV314AT Datasheet
786Kb / 3P
   Vertical Cavity Surface Emitting Laser in FC Optical Sub-Assembly
logo
OPTEK Technologies
OPV315 OPTEK-OPV315_14 Datasheet
178Kb / 3P
   Vertical Cavity Surface Emitting Laser in ST Optical Sub-Assembly
OPV214T OPTEK-OPV214T Datasheet
168Kb / 4P
   Vertical Cavity Surface Emitting Laser in ST Optical Sub-Assembly
OPV314AT OPTEK-OPV314AT Datasheet
284Kb / 4P
   Vertical Cavity Surface Emitting Laser
logo
TT Electronics.
OPV300 TTELEC-OPV300 Datasheet
849Kb / 7P
   Vertical Cavity Surface Emitting Laser
logo
OPTEK Technologies
OPV300 OPTEK-OPV300_14 Datasheet
284Kb / 4P
   Vertical Cavity Surface Emitting Laser
OPV215 OPTEK-OPV215 Datasheet
244Kb / 4P
   Vertical Cavity Surface Emitting Laser
OPV220 OPTEK-OPV220 Datasheet
232Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV222 OPTEK-OPV222 Datasheet
223Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com