Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML3356 Datasheet(PDF) 3 Page - LANSDALE Semiconductor Inc.

Part # ML3356
Description  Wideband FSK Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3356 Datasheet(HTML) 3 Page - LANSDALE Semiconductor Inc.

  ML3356 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML3356 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML3356 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML3356 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML3356 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML3356 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML3356 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML3356 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML3356 Datasheet HTML 9Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.lansdale.com
Page 3 of 9
Issue A
LANSDALE Semiconductor, Inc.
ML3356
Figure 3. Output Components of Signal,
Noise, and Distortion
Figure 4. Meter Current versus Signal Input
10
0
–10
–20
–30
–40
–50
–60
0.01
0.1
1.0
10
INPUT (mVrms)
S + N + D
fO = 100 MHz
fm = 1.0 kHz
∆f = ± 75 kHz
N + D
N
700
600
500
400
300
200
100
0
0.010
0.1
1.0
10
100
1000
PIN 20 INPUT (mVrms)
GENERAL DESCRIPTION
This device is intended for single and double conversion
VHF receiver systems, primarily for FSK data transmission up
to 500 K baud (250 kHz). It contains an oscillator, mixer, lim-
iting IF, quadrature detector, signal strength meter drive, and
data shaping amplifier.
The oscillator is a common base Colpitts type which can be
crystal controlled, as shown in Figure 1, or L–C controlled as
shown in figure 8. At higher VCC, it has been operated as
high as 200 MHz. A mixer/oscillator voltage gain of 2 up to
approximately 150 MHz, is readily achievable.
The mixer functions well from an input signal of 10 µVrms,
below which the squelch is unpredictable, up to about 10
mVrms, before any evidence of overload. Operation up to 1.0
Vrms input is permitted, but non–linearity of the meter output
is incurred, and some oscillator pulling is suspected. The AM
rejection above 10 mVrms is degraded.
The limiting IF is a high frequency type, capable of being
operated up to 50 MHz. It is expected to be used at 10.7 MHz
in most cases, due to the availability of standard ceramic res-
onators. The quadrature detector is internally coupled to the
IF, and a 5.0 pF quadrature capacitor is internally provided.
The –3dB limiting sensitivity of the IF itself is approximately
50 µV (at Pin 7), and the IF can accept signals up to 1.0 Vrms
without distortion or change of detector quiescent DC level.
The IF is unusual in that each of the last 5 stages of the 6
state limiter contains a signal strength sensitive, current sink-
ing device. These are parallel connected and buffered to pro-
duce a signal strength meter drive which is fairly linear for IF
input signals of 10 µV to 100 mVrms (see Figure 4).
A simple squelch arrangement is provided whereby the
meter current flowing through the meter load resistance flips a
comparator at about 0.8 Vdc above ground. The signal
strength at which this occurs can be adjusted by changing the
meter load resistor. The comparator (+) input and output are
available to permit control of hysteresis. Good positive action
can be obtained for IF input signals of above 30 µVrms. The
130 kΩ resistor shown in the test circuit provides a small
amount of hysteresis. Its connection between the 3.3k resistor
to ground and the 3.0 k pot, permits adjustment of squelch
level without changing the amount of hysteresis.
The squelch is internally connected to both the quadrature
detector and the data shaper. The quadrature detector output,
when squelched, goes to a DC level approximately equal to the
zero signal level unsquelched. The squelch causes the data
shaper to produce a high (VCC) output.
The data shaper is a complete ‘‘floating’’ comparator, with
back to back diodes across its inputs. The output of the quad-
rature detector can be fed directly to either input of this ampli-
fier to produce an output that is either at VCC or VEE,
depending upon the received frequency. The impedance of the
biasing can be varied to produce an amplifier which “follows”
frequency detuning to some degree, to prevent data pulse
width changes.
When the data shaper is driven directly from the demodula-
tor output, Pin 13, there may be distortion at Pin 13 due to the
diodes, but this is not important in the data application. A use-
ful note in relating high/low input frequency to logic state: low
IF frequency corresponds to low demodulator output. If the
oscillator is above the incoming RF frequency, then high RF
frequency will produce a logic low (input to (+) input of Data
Shaper as shown in Figures 1 and 2).
APPLICATION NOTES
The ML3356 is a high frequency/high gain receiver that
requires following certain layout techniques in designing a sta-
ble circuit configuration. The objective is to minimize or elim-
inate, if possible, any unwanted feedback.


Similar Part No. - ML3356

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356 Datasheet
973Kb / 9P
   Wideband FSK Receiver
ML3356-6P LANSDALE-ML3356-6P Datasheet
973Kb / 9P
   Wideband FSK Receiver
ML3356RP LANSDALE-ML3356RP Datasheet
973Kb / 9P
   Wideband FSK Receiver
More results

Similar Description - ML3356

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356 Datasheet
973Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML13055 LANSDALE-ML13055 Datasheet
313Kb / 9P
   Wideband FSK Receiver
ML13055 LANSDALE-ML13055_08 Datasheet
243Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC13055 MOTOROLA-MC13055 Datasheet
207Kb / 8P
   WIDEBAND FSK RECEIVER
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
   FSK Superhet Receiver
logo
HOPE Microelectronics C...
RFM218BW HOPE-RFM218BW Datasheet
395Kb / 4P
   FSK Receiver Module
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
   FSK/OOK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com