Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145162D Datasheet(PDF) 3 Page - LANSDALE Semiconductor Inc.

Part # MC145162D
Description  60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145162D Datasheet(HTML) 3 Page - LANSDALE Semiconductor Inc.

  MC145162D Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC145162D Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC145162D Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC145162D Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145162D Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145162D Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145162D Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145162D Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145162D Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.lansdale.com
Page 3 of 24
Issue 0
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Rating
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 6.0
V
Vin
Input Voltage, All Inputs
– 0.5 to VDD + 0.5
V
Iin, Iout DC Current Drain Per Pin
10
mA
IDD, ISS DC Current Drain VDD or VSS Pins
30
mA
Tstg
Storage Temperature Range
– 65 to + 150
°
C
* Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Electrical Characteristics
tables or Pin Descriptions section.
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS, TA = 25°C)
Guaranteed Limit
Symbol
Characteristic
VDD
Min
Max
Unit
VDD
Power Supply Voltage Range
2.5
5.5
V
VOL
Output Voltage
0 Level
(Iout = 0)
2.5
5.5
0.1
0.1
V
VOH
(Vin =VDD or 0)
1 Level
2.5
5.5
2.45
5.45
VIL
Input Voltage
0 Level
(Vout = 0.5 V or VDD – 0.5 V)
2.5
5.5
0.75
1.65
V
VIH
1 Level
2.5
5.5
1.75
3.85
IOH
Output Current (Vout = 2.2 V)
Source
(Vout = 5.0 V)
2.5
5.5
– 0.18
– 0.55
mA
IOL
(Vout = 0.3 V)
Sink
(Vout = 0.5 V)
2.5
5.5
0.18
0.55
IIL
Input Current
OSCin, fin–T, fin–R
(Vin = 0)
2.5
5.5
– 30
– 66
µ
A
ADin, CLK, Din, ENB
2.5
5.5
– 1.0
– 1.0
IIH
(Vin =VDD – 0.5)
OSCin, fin–T, fin–R
2.5
5.5
30
66
ADin, CLK, Din, ENB
2.5
5.5
5.0
5.0
IOZ
Three–State Leakage Current (Vout = 0 V or 5.5 V)
5.5
±
100
nA
Cin
Input Capacitance
8.0
pF
Cout
Output Capacitance
8.0
pF
IDD(stdby) Standby Current
(All Counters are in Power–Down Mode with Oscillator On)
2.5
5.5
0.3
1.5
mA
IDD
Operating Current
ML145162: 200 mV p–p input at f in–T and fin–R = 60 MHz
2.5
3.0
mA
This device contains protection circuitry to
guard against damage due to high static volt-
ages or electric fields. However, precautions
must be taken to avoid application of any voltage
higher than maximum rated voltages to this
high–impedance circuit. For proper operation,
Vin and Vout should be constrained to the range
VSS ≤ (Vin or Vout) ≤ VDD.
Unused pins must always be tied to an
appropriate logic voltage level (e.g., either VSS
or VDD). Unused outputs must be left open.
LANSDALE Semiconductor, Inc.
ML145162


Similar Part No. - MC145162D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145162D MOTOROLA-MC145162D Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
logo
LANSDALE Semiconductor ...
MC145162D LANSDALE-MC145162D Datasheet
1Mb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
logo
Motorola, Inc
MC145162D1 MOTOROLA-MC145162D1 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
More results

Similar Description - MC145162D

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162 Datasheet
1Mb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
logo
Motorola, Inc
MC145162 MOTOROLA-MC145162 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
logo
Hynix Semiconductor
GM6535 HYNIX-GM6535 Datasheet
225Kb / 23P
   60 MHz Universal Programmable Dual PLL Frequency synthesizer
logo
Sanyo Semicon Device
LC7152 SANYO-LC7152 Datasheet
272Kb / 12P
   Universal Dual-PLL Frequency Synthesizers
LC7153 SANYO-LC7153 Datasheet
276Kb / 11P
   Universal Dual-PLL Frequency Synthesizers?
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
logo
Analog Devices
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4207 AD-ADF4207_15 Datasheet
226Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4206 AD-ADF4206 Datasheet
206Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com