Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB39C602 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # MB39C602
Description  High Power Factor LED Driver IC for LED Lighting
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C602 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button MB39C602 Datasheet HTML 8Page - Cypress Semiconductor MB39C602 Datasheet HTML 9Page - Cypress Semiconductor MB39C602 Datasheet HTML 10Page - Cypress Semiconductor MB39C602 Datasheet HTML 11Page - Cypress Semiconductor MB39C602 Datasheet HTML 12Page - Cypress Semiconductor MB39C602 Datasheet HTML 13Page - Cypress Semiconductor MB39C602 Datasheet HTML 14Page - Cypress Semiconductor MB39C602 Datasheet HTML 15Page - Cypress Semiconductor MB39C602 Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Document Number: 002-08397 Rev. *A
Page 12 of 40
MB39C602
4. Power-Up Sequencing
When the voltage is input to VBULK, the electric charge is charged to capacitance of the VCG pin (CVCG) through starting
resistor (Rst). So, the voltage of the VCG pin rises. The voltage of the DRN pin rises by source follower when the voltage of the
VCG pin reaches the threshold voltage of the external HVMOSFET.
The DRN pin is connected with the VDD pin through the internal VDD Switch, and VDD capacitor (CVDD) is charged from the
DRN pin. When the voltage at the VDD pin reaches the threshold voltage of UVLO, the VDD Switch is turned off, and the
internal Bias circuit operates, and the switching is started.
After the switching begins, the voltage at the VDD pin is supplied from Auxiliary Winding through the external diode (DBIAS).
The voltage of an Auxiliary Winding is decided by rolling number ratio of Auxiliary Winding and Secondary Winding, and the
voltage of Secondary Winding. Therefore, the voltage at the VDD pin is not supplied, until the voltage of Auxiliary Winding rises
more than the voltage at the VDD pin. In this period, it is necessary to set the capacitor of the VDD pin to prevent the voltage of
the VDD pin from falling below the threshold voltage of UVLO.
The external Schottky diode (D1) is required between the DRN pin and VDD pin. This diode is used to prevent the current that
flows through the body diode of the VDD Switch.
Current Passing When Starting
10V/8V
VCG
Shunt
Enable
PWM
14V
2V
UVLO
DRN
6
VCG
5
Fault
8
VDD
VDD
Switch
HS
Drive
Driver
GND
7
PWM
Control
D1
DBIAS
CVDD
Rst
CVCG
VBULK
VDD Start-up Current
VDD Operating and LPM Current
HV-MOSFET
Primary
Winding
Auxiliary
Winding
Ist


Similar Part No. - MB39C602

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39C601 CYPRESS-MB39C601 Datasheet
907Kb / 37P
   High power factor in single conversion
MB39C603 CYPRESS-MB39C603 Datasheet
1Mb / 30P
   Phase Dimmable PSR LED Driver IC for LED Lighting
MB39C603PF-G-JNE1 CYPRESS-MB39C603PF-G-JNE1 Datasheet
1Mb / 30P
   Phase Dimmable PSR LED Driver IC for LED Lighting
MB39C603PF-G-JNEFE1 CYPRESS-MB39C603PF-G-JNEFE1 Datasheet
1Mb / 30P
   Phase Dimmable PSR LED Driver IC for LED Lighting
MB39C604 CYPRESS-MB39C604 Datasheet
2Mb / 36P
   PSR topology in an isolated flyback circuit
More results

Similar Description - MB39C602

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5029MD SANYO-LV5029MD Datasheet
238Kb / 15P
   LED Driver IC for LED Lighting
logo
Asahi Kasei Microsystem...
AP1651BEL AKM-AP1651BEL Datasheet
1Mb / 28P
   Dimmable LED driver IC for Lighting
logo
NXP Semiconductors
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
   Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
logo
Cypress Semiconductor
MB39C605 CYPRESS-MB39C605 Datasheet
1Mb / 26P
   Phase Dimmable PSR LED Driver IC for LED Lighting
MB39C603 CYPRESS-MB39C603 Datasheet
1Mb / 30P
   Phase Dimmable PSR LED Driver IC for LED Lighting
logo
Cirrus Logic
CS1680 CIRRUS-CS1680 Datasheet
644Kb / 16P
   Dimmable LED Driver IC for Low-voltage Lighting
logo
Mitsumi Electronics, Co...
MM3760 MITSUMI-MM3760 Datasheet
52Kb / 3P
   LED Lighting power supply IC
logo
STMicroelectronics
STEVAL-LLL012V1 STMICROELECTRONICS-STEVAL-LLL012V1 Datasheet
3Mb / 5P
   Smart LED driver with high power factor using BLE Mesh network for indoor lighting
Rev 2 - May 2021
logo
Taiwan Semiconductor Co...
TS19702 TSC-TS19702 Datasheet
411Kb / 9P
   High Power Factor Corrector LED Driver
logo
Linkage Goston Electron...
SM7301 LINKAGE-SM7301 Datasheet
4Mb / 8P
   High power factor LED driver chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com