Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB39C605 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # MB39C605
Description  Phase Dimmable PSR LED Driver IC for LED Lighting
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C605 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button MB39C605 Datasheet HTML 5Page - Cypress Semiconductor MB39C605 Datasheet HTML 6Page - Cypress Semiconductor MB39C605 Datasheet HTML 7Page - Cypress Semiconductor MB39C605 Datasheet HTML 8Page - Cypress Semiconductor MB39C605 Datasheet HTML 9Page - Cypress Semiconductor MB39C605 Datasheet HTML 10Page - Cypress Semiconductor MB39C605 Datasheet HTML 11Page - Cypress Semiconductor MB39C605 Datasheet HTML 12Page - Cypress Semiconductor MB39C605 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Document Number: 002-08444 Rev. *B
Page 9 of 26
MB39C605
7.
Standard Characteristics
Figure 7-1. Standard Characteristics
IDD - VDD
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
8
10
12
14
16
18
20
VDD [V]
Ta=-25°C
Ta=+25°C
Ta=+85°C
VVAC = 1.8V
VCS = 1.0V
VCOMP = 1.3V
RADJ
= 51kΩ
ISO - VVAC
-20%
0%
20%
40%
60%
80%
100%
120%
0
0.5
1
1.5
2
VVAC[V]
Ta=-25°C
Ta=+25°C
Ta=+85°C
VDD =12V
VVAC = 0V to 1.85V
VCS = 1.0V
VCOMP = 2.0V
TADJ - RADJ
0
500
1000
1500
2000
2500
0
50
100
150
200
RADJ [k
Ω]
Ta=-25°C
Ta=+25°C
Ta=+85°C
VDD = 12V
VVAC = 1.8V
VCS = 1.0V
VCOMP = 1.3V
DRV pin : open
VDRVH - VDD
6
7
8
9
10
11
12
13
14
8
10
12
14
16
18
20
VDD [V]
Ta=-25°C
Ta=+25°C
Ta=+85°C
VVAC = 1.8V
VCS = 1.0V
VCOMP = 3.0V
RADJ
= 51kΩ
TON - VCOMP
10
20
30
40
50
60
1.4
1.8
2.2
2.6
3
3.4
3.8
VCOMP [V]
Ta=-25°C
Ta=+25°C
Ta=+85°C
VDD = 12V
VVAC = 1.8V
VCS = 1.0V
RADJ = 51k
Ω
0


Similar Part No. - MB39C605

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39C601 CYPRESS-MB39C601 Datasheet
907Kb / 37P
   High power factor in single conversion
MB39C602 CYPRESS-MB39C602 Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
MB39C602PNF CYPRESS-MB39C602PNF Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
MB39C603 CYPRESS-MB39C603 Datasheet
1Mb / 30P
   Phase Dimmable PSR LED Driver IC for LED Lighting
MB39C603PF-G-JNE1 CYPRESS-MB39C603PF-G-JNE1 Datasheet
1Mb / 30P
   Phase Dimmable PSR LED Driver IC for LED Lighting
More results

Similar Description - MB39C605

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39C603 CYPRESS-MB39C603 Datasheet
1Mb / 30P
   Phase Dimmable PSR LED Driver IC for LED Lighting
logo
Asahi Kasei Microsystem...
AP1651BEL AKM-AP1651BEL Datasheet
1Mb / 28P
   Dimmable LED driver IC for Lighting
logo
NXP Semiconductors
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
   Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
logo
Cirrus Logic
CS1680 CIRRUS-CS1680 Datasheet
644Kb / 16P
   Dimmable LED Driver IC for Low-voltage Lighting
logo
SIFIRST TECHNOLOGIES NA...
SFL678 SIFIRST-SFL678 Datasheet
49Kb / 2P
   AC/DC PSR Controller for Dimmable LED Lighting
logo
NXP Semiconductors
SSL2101 NXP-SSL2101 Datasheet
118Kb / 22P
   SMPS IC for dimmable LED lighting
Rev. 04-28 August 2009
SSL2101 PHILIPS-SSL2101_11 Datasheet
160Kb / 23P
   Dimmable GreenChip driver for LED lighting
Rev. 4.1-5 December 2011
logo
ADTech
ADT6051 ADTECH-ADT6051 Datasheet
269Kb / 4P
   Dimmable CC / CV IC for LED Lighting
logo
NXP Semiconductors
SSL2103 NXP-SSL2103 Datasheet
414Kb / 21P
   SMPS controller IC for dimmable LED lighting
Rev. 2-25 November 2010
logo
Sanyo Semicon Device
LV5029MD SANYO-LV5029MD Datasheet
238Kb / 15P
   LED Driver IC for LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com