Electronic Components Datasheet Search |
|
TLC083CDR Datasheet(PDF) 8 Page - Texas Instruments |
|
|
TLC083CDR Datasheet(HTML) 8 Page - Texas Instruments |
8 / 52 page TLC080, TLC081, TLC082, TLC083, TLC084, TLC085, TLC08xA FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS SLOS254D − JUNE 1999 − REVISED FEBRUARY 2004 8 WWW.TI.COM electrical characteristics at specified free-air temperature, VDD = 12 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT TLC0841/2/3, 25 °C 390 1900 VIO Input offset voltage VDD = 12 V TLC0841/2/3, TLC084/5 Full range 3000 V VIO Input offset voltage VDD = 12 V VIC = 6 V, TLC0841/2/3A, 25 °C 390 1400 µV VIC = 6 V, VO = 6 V, RS = 50 Ω TLC0841/2/3A, TLC084/5A Full range 2000 VIO Temperature coefficient of input O RS = 50 Ω 1.2 V/ °C αVIO Temperature coefficient of input offset voltage 1.2 µV/°C 25 °C 1.5 50 IIO Input offset current VDD = 12 V TLC08xC Full range 100 pA IIO Input offset current VDD = 12 V VIC = 6 V, TLC08xI Full range 700 pA VIC = 6 V, VO = 6 V, R = 50 Ω 25 °C 2 50 IIB Input bias current VO = 6 V, RS = 50 Ω TLC08xC Full range 100 pA IIB Input bias current TLC08xI Full range 700 pA VICR Common-mode input voltage RS = 50 Ω 25 °C 0 to 10.0 0 to 10.5 V VICR Common-mode input voltage RS = 50 Ω Full range 0 to 10.0 0 to 10.5 V IOH = − 1 mA 25 °C 11.1 11.2 IOH = − 1 mA Full range 11 IOH = − 20 mA 25 °C 10.8 11 IOH = − 20 mA Full range 10.7 VOH High-level output voltage VIC = 6 V IOH = − 35 mA 25 °C 10.6 10.7 V VOH High-level output voltage VIC = 6 V IOH = − 35 mA Full range 10.3 V 25 °C 10.3 10.5 IOH = − 50 mA −40 °C to 85 °C 10.2 IOL = 1 mA 25 °C 0.17 0.25 IOL = 1 mA Full range 0.35 IOL = 20 mA 25 °C 0.35 0.45 IOL = 20 mA Full range 0.5 VOL Low-level output voltage VIC = 6 V IOL = 35 mA 25 °C 0.4 0.52 V VOL Low-level output voltage VIC = 6 V IOL = 35 mA Full range 0.6 V 25 °C 0.45 0.6 IOL = 50 mA −40 °C to 85 °C 0.65 IOS Short-circuit output current Sourcing 25 °C 150 mA IOS Short-circuit output current Sinking 25 °C 150 mA IO Output current VOH = 1.5 V from positive rail 25 °C 57 mA IO Output current VOL = 0.5 V from negative rail 25 °C 55 mA † Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C. |
Similar Part No. - TLC083CDR |
|
Similar Description - TLC083CDR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |