Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8113 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8113
Description  Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8113 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8113 Datasheet HTML 4Page - Analog Devices AD8113 Datasheet HTML 5Page - Analog Devices AD8113 Datasheet HTML 6Page - Analog Devices AD8113 Datasheet HTML 7Page - Analog Devices AD8113 Datasheet HTML 8Page - Analog Devices AD8113 Datasheet HTML 9Page - Analog Devices AD8113 Datasheet HTML 10Page - Analog Devices AD8113 Datasheet HTML 11Page - Analog Devices AD8113 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
REV. A
AD8113
–8–
PIN CONFIGURATION
5
4
3
2
7
6
9
8
1
DVCC
DGND
AGND
IN07
AGND
IN06
AGND
IN05
AGND
IN04
AGND
IN03
AGND
IN02
AGND
IN01
AGND
IN00
AGND
AVEE
AVCC
AVCC00
OUT00
AVEE00/01
OUT01
DVCC
DGND
AGND
IN08
AGND
IN09
AGND
IN10
AGND
IN11
AGND
IN12
AGND
IN13
AGND
IN14
AGND
IN15
AGND
AVEE
AVCC
AVCC15
OUT15
AVEE14/15
OUT14
71
72
73
74
69
70
67
68
65
66
75
60
61
62
63
58
59
56
57
54
55
64
52
53
51
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
11
10
16
15
14
13
18
17
20
19
22
21
12
24
23
25
AD8113
NC = NO CONNECT


Similar Part No. - AD8113

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8113JSTZ AD-AD8113JSTZ Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16  16, G = 2 Crosspoint Switch
REV. A
AD8113 AD-AD8113_15 Datasheet
1Mb / 29P
   Audio/Video 60 MHz
REV. A
More results

Similar Description - AD8113

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8113JSTZ AD-AD8113JSTZ Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16  16, G = 2 Crosspoint Switch
REV. A
AD8112 AD-AD8112_15 Datasheet
1Mb / 28P
   Audio/Video, 60 MHz, 16 8, Gain of 2 Crosspoint Switch
REV. 0
AD8112 AD-AD8112 Datasheet
527Kb / 28P
   Audio/Video, 60 MHz, 16 횞 8, Gain of 2 Crosspoint Switch
REV. 0
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
   200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
   750 MHz, 16 x 16 Analog Crosspoint Switch
ADV3205 AD-ADV3205 Datasheet
341Kb / 20P
   60 MHz, G = 2, 16 횞 16
REV. 0
logo
Maxim Integrated Produc...
MAX9675 MAXIM-MAX9675 Datasheet
802Kb / 27P
   110MHz, 16 x 16 Video Crosspoint Switch with Programmable Gain
Rev 0; 7/08
logo
Analog Devices
AD75019 AD-AD75019 Datasheet
72Kb / 4P
   16 x 16 Crosspoint Switch Array
REV. C
AD8177 AD-AD8177 Datasheet
854Kb / 40P
   500 MHz, Triple 16 횞 5 Video Crosspoint Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com