Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA682U Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA682U
Description  EVALUATION FIXTURE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA682U Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA682U Datasheet HTML 1Page - Burr-Brown (TI) OPA682U Datasheet HTML 2Page - Burr-Brown (TI) OPA682U Datasheet HTML 3Page - Burr-Brown (TI) OPA682U Datasheet HTML 4Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
®
DEM-OPA68xU
OPA681U—Pin 8 disables the output when low. Table VIII
shows different ways to set up pin 8’s voltage using R8, R9
and C7. Use Table III for the other components.
OPA682U—The OPA682U uses internal resistors to set the
gain at +1, +2, or –1. Pin 8 disables the output when low.
Table VIII shows different ways to set up pin 8’s voltage
using R8, R9 and C7. Use Table III for the other components,
except for the changes shown in Table IX.
OPA689U—This VLA™ is the high gain-stable version of
the OPA688U. Set up this op amp the same as the OPA688U,
except for the changes shown in Table XII.
DUAL SUPPLY
DUAL SUPPLY
SINGLE SUPPLY
COMPONENT
(G = +2)
(G = –1)
(G = +1)
R4
Open
0
Open
R5
0
Open
Open
R6
Open
Open
Open
TABLE IX. OPA682U Changes.
OPA686U—Use Table X for the higher gains needed by
this part, and Table IV for the other component values. Extra
care is needed to ensure pin 8 is not connected (see Table I).
DUAL SUPPLY
DUAL SUPPLY
SINGLE SUPPLY
COMPONENT
(G = +10)
(G = –10)
(G = +20)
R1
49.9
Open
49.9
R2
20.0
Open
10.0
R3
Open
10.0
Open
R4
Open
49.9
Open
R5
49.9
Open
26.1
R6
453
499
499
TABLE X. OPA686U Changes.
OPA688U—This VLA™ (Voltage Limiting Amplifier) has
two inputs (VH and VL in Table I), which limit the output
voltage swing. Table XI shows different ways to set up pin
5’s and pin 8’s voltages using R8 - R13 and C5 - C7. Use
Table IV for the other components.
Note that this board would require modification for the
single-supply circuit shown in the OPA688 data sheet. In
dual supply applications, using R10 instead of R8 makes VH
negative, and using R13 instead of R11 makes VL positive.
DUAL SUPPLY
DUAL SUPPLY
SINGLE SUPPLY
COMPONENT
(G = +2)
(G = –1)
(G = +1)
R8
3.01k
3.01k
549
R9
1.91k
1.91k
1.58k
R11
3.01k
3.01k
Open
R12
1.91k
1.91k
549
R13
Open
Open
1.58k
C5 - C7
0.1
µF
0.1
µF
0.1
µF
TABLE XI. Limiting Pins—OPA68xU.
DUAL SUPPLY
DUAL SUPPLY
SINGLE SUPPLY
COMPONENT
(G = +6)
(G = –6)
(G = +6)
R1
49.9
82.5
49.9
R2
100
Open
100
R3
Open
130
Open
R4
Open
124
Open
R5
150
Open
150
R6
750
750
750
TABLE XII. OPA689U Changes.
BOARD LAYOUT
This demonstration board is a two layer PCB. It uses a
ground plane on the bottom and signal and power traces on
the top. The ground plane has been opened up around op
amp pins sensitive to capacitive loading. Power supply
traces are laid out to keep current loop areas to a minimum.
The SMA (or SMB) connectors may be mounted either
vertically or horizontally.
The location and type of capacitors used for power-supply
bypassing are crucial to high frequency amplifiers. The
tantalum capacitors, C1 and C2, do not need to be as close to
pins 7 and 4 on your PCB, and may be shared with other
amplifiers.
See the individual op amp data sheet for more information
on proper board layout techniques, and component selec-
tion.
MEASUREMENT TIPS
This demonstration board and the component values shown
are designed to operate in a 50
Ω environment. Most data
sheet plots are obtained this way. Change the component
values for different input and output impedance levels.
Do not use high impedance probes; they represent a heavy
capacitive load to the op amps, and will alter their response.
Instead, use low impedance (
≤ 500Ω) probes with adequate
bandwidth. The probe input capacitance and resistance set
an upper limit on the measurement bandwidth. If a high
impedance probe must be used, place a 100
Ω resistor on the
probe tip to isolate its capacitance from the circuit.


Similar Part No. - OPA682U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA682U BURR-BROWN-OPA682U Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA682U TI1-OPA682U Datasheet
226Kb / 21P
[Old version datasheet]   Wideband, Fixed Gain BUFFER AMPLIFIER
OPA682U/2K5 TI1-OPA682U/2K5 Datasheet
226Kb / 21P
[Old version datasheet]   Wideband, Fixed Gain BUFFER AMPLIFIER
More results

Similar Description - OPA682U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DEM-ADS1216 TI-DEM-ADS1216 Datasheet
336Kb / 9P
[Old version datasheet]   EVALUATION FIXTURE
DEM-DAI1602 TI1-DEM-DAI1602 Datasheet
209Kb / 11P
[Old version datasheet]   EVALUATION FIXTURE
logo
Burr-Brown (TI)
DEM-DAI1604 BURR-BROWN-DEM-DAI1604 Datasheet
157Kb / 11P
   EVALUATION FIXTURE
DEM-ADS7843E BURR-BROWN-DEM-ADS7843E Datasheet
285Kb / 13P
   EVALUATION FIXTURE
DEM-DAI1742 BURR-BROWN-DEM-DAI1742 Datasheet
281Kb / 10P
   EVALUATION FIXTURE
DEM-PCM1704 BURR-BROWN-DEM-PCM1704 Datasheet
100Kb / 5P
   EVALUATION FIXTURE
logo
Molex Electronics Ltd.
0690202025 MOLEX11-0690202025 Datasheet
36Kb / 1P
   Arbor Press Fixture
logo
Keysight Technologies
U2941A KEYSIGHT-U2941A Datasheet
1Mb / 6P
   Parametric Test Fixture
logo
Bel Fuse Inc.
0804-EVALB02 BEL-0804-EVALB02 Datasheet
2Mb / 11P
   Powerline Test Fixture
logo
Tyco Electronics
408-8502 MACOM-408-8502 Datasheet
88Kb / 2P
   Fixture Board Assembly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com