Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IA188ES-PQF100I Datasheet(PDF) 1 Page - InnovASIC, Inc

Part # IA188ES-PQF100I
Description  16-BIT MICROCONTROLLERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188ES-PQF100I Datasheet(HTML) 1 Page - InnovASIC, Inc

  IA188ES-PQF100I Datasheet HTML 1Page - InnovASIC, Inc IA188ES-PQF100I Datasheet HTML 2Page - InnovASIC, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IA186ES/IA188ES
Advance Information Sheet
16-BIT MICROCONTROLLERS
Copyright
© 2002
www.innovasic.com
innovASIC
Customer Support:
The End of Obsolescence
Page 1 of 2
1-888-824-4184
FEATURES
Pin-for-Pin compatible with AMD
® Am186ES/188ES devices
All features are retained, including:
• PLL allowing same crystal/system clock frequency
• 8086/8088 instruction set with additional 186 instruction set extensions
• Programmable interrupt controller
• Two DMA channels
• Three 16-bit timers
• Programmable chip select logic and wait-state generator
• Dedicated watch dog timer
• Two independent asynchronous serial ports (UARTs)
o
DMA capability
o
Hardware flow control
o
7, 8, or 9-bit data capability
• Pulse Width Demodulator feature
• Up to 32 programmable I/O pins (PIO)
Pseudo-static/dynamic RAM controller
Fully static CMOS design
40 MHz operation at industrial operating conditions
+5 VDC power supply
Available packages:
o
100-pin Thin Quad Flat Pack (TQFP)
o
100-pin Plastic Quad Flat Pack (PQFP)
The IA186ES/188ES is a form, fit, and function replacement for the original Advanced Micro
Devices
® Am186ES/188ES family of microcontrollers. innovASIC produces replacement ICs
using its MILESTM, or Managed IC Lifetime Extension System, cloning technology. This
technology produces replacement ICs far more complex than "emulation" while ensuring they are
compatible with the original IC. MILESTM captures the design of a clone so it can be produced
even as silicon technology advances. MILESTM also verifies the clone against the original IC so
that even the "undocumented features" are duplicated.
This Advance Information Sheet contains preliminary information for the IA186ES/188ES. The
complete data sheet which documents all necessary engineering information about the
IA186ES/188ES including functional and I/O descriptions, electrical characteristics, and
applicable timing will be available when the device nears completion.
innovASIC


Similar Part No. - IA188ES-PQF100I

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA188ES-PTQ100I-R-03 INNOVASIC-IA188ES-PTQ100I-R-03 Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
More results

Similar Description - IA188ES-PQF100I

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90350E FUJITSU-MB90350E_08 Datasheet
2Mb / 92P
   16-bit Microcontrollers
logo
InnovASIC, Inc
IA80C186 INNOVASIC-IA80C186 Datasheet
22Kb / 2P
   16-BIT MICROCONTROLLERS
logo
Freescale Semiconductor...
MC9S12DJ256FS FREESCALE-MC9S12DJ256FS Datasheet
82Kb / 2P
   16-bit Microcontrollers
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
MB90335 FUJITSU-MB90335_10 Datasheet
284Kb / 48P
   16-bit microcontrollers
logo
InnovASIC, Inc
IA186EM INNOVASIC-IA186EM Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA188EBPLC84IR2 INNOVASIC-IA188EBPLC84IR2 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com