Electronic Components Datasheet Search |
|
TLC081CDRG4 Datasheet(PDF) 7 Page - Texas Instruments |
|
TLC081CDRG4 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 52 page TLC080, TLC081, TLC082, TLC083, TLC084, TLC085, TLC08xA FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS SLOS254D − JUNE 1999 − REVISED FEBRUARY 2004 7 WWW.TI.COM operating characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT SR+ Positive slew rate at unity gain VO(PP) = 0.8 V, CL = 50 pF, 25 °C 10 16 V/ s SR+ Positive slew rate at unity gain VO(PP) = 0.8 V, RL = 10 kΩ CL = 50 pF, Full range 9.5 V/ µs SR− Negative slew rate at unity gain VO(PP) = 0.8 V, CL = 50 pF, 25 °C 12.5 19 V/ s SR− Negative slew rate at unity gain VO(PP) = 0.8 V, RL = 10 kΩ CL = 50 pF, Full range 10 V/ µs Vn Equivalent input noise voltage f = 100 Hz 25 °C 12 nV/ √Hz Vn Equivalent input noise voltage f = 1 kHz 25 °C 8.5 nV/ √Hz In Equivalent input noise current f = 1 kHz 25 °C 0.6 fA / √Hz VO(PP) = 3 V, AV = 1 0.002% THD + N Total harmonic distortion plus noise VO(PP) = 3 V, RL = 10 kΩ and 250 Ω, f = 1 kHz AV = 10 25 °C 0.012% THD + N Total harmonic distortion plus noise RL = 10 kΩ and 250 Ω, f = 1 kHz AV = 100 25 C 0.085% t(on) Amplifier turnon time‡ RL = 10 kΩ 25 °C 0.15 µs t(off) Amplifier turnoff time‡ RL = 10 kΩ 25 °C 1.3 µs Gain-bandwidth product f = 10 kHz, RL = 10 kΩ 25 °C 10 MHz V(STEP)PP = 1 V, AV = −1, 0.1% 0.18 ts Settling time AV = −1, CL = 10 pF, RL = 10 kΩ 0.01% 25 °C 0.39 s ts Settling time V(STEP)PP = 1 V, AV = −1, 0.1% 25 °C 0.18 µs AV = −1, CL = 47 pF, RL = 10 kΩ 0.01% 0.39 φm Phase margin RL = 10 kΩ, CL = 50 pF 25 °C 32 ° φm Phase margin RL = 10 kΩ, CL = 0 pF 25 °C 40 ° Gain margin RL = 10 kΩ, CL = 50 pF 25 °C 2.2 dB Gain margin RL = 10 kΩ, CL = 0 pF 25 °C 3.3 dB † Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C. ‡ Disable time and enable time are defined as the interval between application of the logic signal to SHDN and the point at which the supply current has reached half its final value. |
Similar Part No. - TLC081CDRG4 |
|
Similar Description - TLC081CDRG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |