Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2578AN Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2578AN
Description  Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2578AN Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2578AN Datasheet HTML 3Page - National Semiconductor (TI) LM2578AN Datasheet HTML 4Page - National Semiconductor (TI) LM2578AN Datasheet HTML 5Page - National Semiconductor (TI) LM2578AN Datasheet HTML 6Page - National Semiconductor (TI) LM2578AN Datasheet HTML 7Page - National Semiconductor (TI) LM2578AN Datasheet HTML 8Page - National Semiconductor (TI) LM2578AN Datasheet HTML 9Page - National Semiconductor (TI) LM2578AN Datasheet HTML 10Page - National Semiconductor (TI) LM2578AN Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Test Circuit* (Continued)
00871103
Op amp supplies are ±15V
DVM input resistance >100 M
*LM2578 max duty cycle is 90%
Definition of Terms
Input Reference Voltage: The voltage (referred to ground)
that must be applied to either the inverting or non-inverting
input to cause the regulator switch to change state (ON or
OFF).
Input Reference Current: The current that must be drawn
from either the inverting or non-inverting input to cause the
regulator switch to change state (ON or OFF).
Input Level Shift Accuracy: This specification determines
the output voltage tolerance of a regulator whose output
control depends on drawing equal currents from the inverting
and non-inverting inputs (see the Inverting Regulator of Fig-
ure 21, and the RS-232 Line Driver Power Supply of Figure
23).
Level Shift Accuracy is tested by using two equal-value
resistors to draw current from the inverting and non-inverting
input terminals, then measuring the percentage difference in
the voltages across the resistors that produces a controlled
duty cycle at the switch output.
Collector Saturation Voltage: With the inverting input ter-
minal grounded thru a 10 k
Ω resistor and the output transis-
tor’s emitter connected to ground, the Collector Saturation-
Voltage is the collector-to-emitter voltage for a given
collector current.
Emitter Saturation Voltage: With the inverting input termi-
nal grounded thru a 10 k
Ω resistor and the output transistor’s
collector connected to V
in, the Emitter Saturation Voltage is
the collector-to-emitter voltage for a given emitter current.
Collector Emitter Sustaining Voltage: The collector-
emitter breakdown voltage of the output transistor, mea-
sured at a specified current.
Current Limit Sense Voltage: The voltage at the Current
Limit pin, referred to either the supply or the ground terminal,
which (via logic circuitry) will cause the output transistor to
turn OFF and resets cycle-by-cycle at the oscillator fre-
quency.
Current Limit Sense Current: The bias current for the
Current Limit terminal with the applied voltage equal to the
Current Limit Sense Voltage.
Supply Current: The IC power supply current, excluding the
current drawn through the output transistor, with the oscilla-
tor operating.
Functional Description
The LM2578A is a pulse-width modulator designed for use
as a switching regulator controller. It may also be used in
other applications which require controlled pulse-width volt-
age drive.
A control signal, usually representing output voltage, fed into
the LM2578A’s comparator is compared with an internally-
generated reference. The resulting error signal and the os-
cillator’s output are fed to a logic network which determines
when the output transistor will be turned ON or OFF. The
following is a brief description of the subsections of the
LM2578A.
COMPARATOR INPUT STAGE
The LM2578A’s comparator input stage is unique in that both
the inverting and non-inverting inputs are available to the
user, and both contain a 1.0V reference. This is accom-
plished as follows: A 1.0V reference is fed into a modified
voltage follower circuit (see FUNCTIONAL DIAGRAM).
When both input pins are open, no current flows through R1
www.national.com
7


Similar Part No. - LM2578AN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2578AN NSC-LM2578AN Datasheet
1Mb / 18P
   Switching Regulator
logo
Texas Instruments
LM2578AN TI-LM2578AN Datasheet
1Mb / 30P
[Old version datasheet]   LM2578A/LM3578A Switching Regulator
LM2578AN/NOPB TI1-LM2578AN/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Switching Regulator
More results

Similar Description - LM2578AN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Texas Instruments
PT7778-3.3V TI1-PT7778-3.3V Datasheet
183Kb / 4P
[Old version datasheet]   Switching Regulator
logo
National Semiconductor ...
LM1578A NSC-LM1578A Datasheet
1Mb / 18P
   Switching Regulator
logo
Sanyo Semicon Device
LA5757TP SANYO-LA5757TP Datasheet
78Kb / 6P
   Switching Regulator
LA5756 SANYO-LA5756 Datasheet
125Kb / 4P
   Switching Regulator
logo
ON Semiconductor
CS5111 ONSEMI-CS5111 Datasheet
112Kb / 16P
   Switching Regulator
January, 2001 ??Rev. 9
logo
National Semiconductor ...
LM2579 NSC-LM2579 Datasheet
540Kb / 13P
   SWITCHING REGULATOR
logo
Texas Instruments
LM2578A TI1-LM2578A Datasheet
1Mb / 30P
[Old version datasheet]   Switching Regulator
logo
ON Semiconductor
LA5774MC ONSEMI-LA5774MC Datasheet
313Kb / 6P
   Switching Regulator
May,2013
logo
XP Power Limited
STR XPPOWER-STR Datasheet
360Kb / 4P
   Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com