Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2623EUA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2623EUA
Description  Monolithic Voltage-Controlled Oscillators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2623EUA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2623EUA Datasheet HTML 1Page - Maxim Integrated Products MAX2623EUA Datasheet HTML 2Page - Maxim Integrated Products MAX2623EUA Datasheet HTML 3Page - Maxim Integrated Products MAX2623EUA Datasheet HTML 4Page - Maxim Integrated Products MAX2623EUA Datasheet HTML 5Page - Maxim Integrated Products MAX2623EUA Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Monolithic Voltage-Controlled Oscillators
_______________________________________________________________________________________
3
0
0.5
1.0
1.5
2.0
-40
0
-20
20
40
60
80
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
7
8
9
10
-40
0
20
-20
40
60
80
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
-130
-110
-120
-90
-100
-70
-80
-60
10
100
1000
PHASE NOISE
OFFSET FREQUENCY (kHz)
750
800
850
900
950
1000
0
1.0
0.5
1.5
2.0
2.5
3.0
MAX2622
VCO TUNING CURVE
VTUNE (V)
TA = +85
°C
TA = +25
°C
TA = -40
°C
800
850
900
950
1000
1050
0
1.0
0.5
1.5
2.0
2.5
3.0
MAX2623
VCO TUNING CURVE
VTUNE (V)
TA = +85
°C
TA = +25
°C
TA = -40
°C
850
900
950
1000
1050
1100
0
1.0
0.5
1.5
2.0
2.5
3.0
MAX2624
VCO TUNING CURVE
VTUNE (V)
TA = +85
°C
TA = +25
°C
TA = -40
°C
fO
2fO
3fO
NORMALIZED HARMONIC OUTPUT SPECTRUM
FREQUENCY
∆ = -48dBc
∆ = 29dBc
Typical Operating Characteristics
(VCC = +3.0V, VTUNE = 0.4V to 2.4V, V SHDN = 2V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX2623EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2623EUA MAXIM-MAX2623EUA Datasheet
150Kb / 6P
   Monolithic Voltage-Controlled Oscillators
2018
More results

Similar Description - MAX2623EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2622 MAXIM-MAX2622_V01 Datasheet
150Kb / 6P
   Monolithic Voltage-Controlled Oscillators
2018
MAX2750_V1 MAXIM-MAX2750_V1 Datasheet
168Kb / 7P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 1; 5/12
MAX2750 MAXIM-MAX2750 Datasheet
149Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 0; 10/00
logo
Mini-Circuits
K-POS-2 MINI-K-POS-2 Datasheet
242Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
Texas Instruments
SN54LS624 TI1-SN54LS624_14 Datasheet
953Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SN54LS624 TI-SN54LS624 Datasheet
398Kb / 10P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
logo
SYNERGY MICROWAVE CORPO...
CFO284SA SYNERGY-CFO284SA Datasheet
337Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
Texas Instruments
SN74LS624NSR TI-SN74LS624NSR Datasheet
726Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SN74LS628DR TI-SN74LS628DR Datasheet
726Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
logo
SYNERGY MICROWAVE CORPO...
VCO-S-A12 SYNERGY-VCO-S-A12 Datasheet
158Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com