Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES1E Datasheet(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited

Part # ES1E
Description  Super-Fast Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

ES1E Datasheet(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited

  ES1E_17 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited ES1E_17 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited ES1E_17 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited ES1E_17 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Super-Fast Rectifiers
ES1E--ES1G
SMA102AA
www.gmesemi.com
Rev.B
Production specification
Package Outline Dimensions(unit:mm)
Mounting Pad Layout(unit:mm)
Ordering Information
Part No.
Marking
Package
Shipping
ES1E
ES1E
SMA
5000 / Tape&Reel
ES1G
ES1G
SMA
5000 / Tape&Reel


Similar Part No. - ES1E_17

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
ES1E-LFR FRONTIER-ES1E-LFR Datasheet
132Kb / 2P
   1A SURFACE MOUNT FAST EFFICIENT RECOVERY RECTIFIERS
logo
Won-Top Electronics
ES1E-T1 WTE-ES1E-T1 Datasheet
51Kb / 3P
   1.0A SURFACE MOUNT SUPER FAST RECTIFIER
ES1E-T3 WTE-ES1E-T3 Datasheet
51Kb / 3P
   1.0A SURFACE MOUNT SUPER FAST RECTIFIER
ES1E-T3 WTE-ES1E-T3 Datasheet
54Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
PACELEADER INDUSTRIAL
ES1EB PACELEADER-ES1EB Datasheet
133Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
More results

Similar Description - ES1E_17

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com