Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1609 Datasheet(PDF) 4 Page - Anachip Corp

Part # AP1609
Description  PWM/PFM Dual Mode Step-up DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1609 Datasheet(HTML) 4 Page - Anachip Corp

  AP1609 Datasheet HTML 1Page - Anachip Corp AP1609 Datasheet HTML 2Page - Anachip Corp AP1609 Datasheet HTML 3Page - Anachip Corp AP1609 Datasheet HTML 4Page - Anachip Corp AP1609 Datasheet HTML 5Page - Anachip Corp AP1609 Datasheet HTML 6Page - Anachip Corp AP1609 Datasheet HTML 7Page - Anachip Corp AP1609 Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AP1609
PWM/PFM Dual Mode Step-up DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.2 Mar.25, 2005
4/8
Typical Application Circuit
(1) Normal Circuit
LX
V
CC
FB
GND
CE
2.5V~6V
PGND
SS340
R
1
R
2
C
BP
0.1u
100u
Vout
0.1u
330K
3.3u
0.1u
100
100u
Vout=1.23 (1+
) , R
2 =10K~100K
R
1
R
2
×
10uH
Option
(2) HV Circuit
LX
V
CC
FB
GND
CE
above 5.5V
PGND
SS340
R
1
R
2
0.1u
470u
15V
0.1u
330K
ZD
0.1u
R
470u
Vout=1.23 (1+
) , R
2=10K~100K
R
1
R
2
×
3.3u
10uH
5V
C
BP
Option


Similar Part No. - AP1609

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1609 DIODES-AP1609 Datasheet
164Kb / 8P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1609 DIODES-AP1609 Datasheet
202Kb / 9P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
AP1609S DIODES-AP1609S Datasheet
164Kb / 8P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1609SG-13 DIODES-AP1609SG-13 Datasheet
164Kb / 8P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1609SG-13 DIODES-AP1609SG-13 Datasheet
202Kb / 9P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
More results

Similar Description - AP1609

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1609 DIODES-AP1609 Datasheet
164Kb / 8P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1609 DIODES-AP1609_09 Datasheet
202Kb / 9P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
TC115 MICROCHIP-TC115 Datasheet
355Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
2003
logo
Anachip Corp
AP1624 ANACHIP-AP1624 Datasheet
172Kb / 7P
   PWM/PFM Dual Mode Step-up DC/DC Controller
logo
Diodes Incorporated
AP1624 DIODES-AP1624 Datasheet
450Kb / 7P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONTROLLER
AP1624 Rev. 1
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
logo
Anachip Corp
AP1604 ANACHIP-AP1604 Datasheet
202Kb / 7P
   PWM/PFM Dual Mode Step-down DC/DC Converter
logo
Diodes Incorporated
AP1604A DIODES-AP1604A_09 Datasheet
175Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com