Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPMC802B-PD04 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SPMC802B-PD04
Description  32-pin General Purpose Microcontroller (OTP)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPMC802B-PD04 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SPMC802B-PD04 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPMC802B-PD04 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPMC802B-PD04 Datasheet HTML 9Page - List of Unclassifed Manufacturers SPMC802B-PD04 Datasheet HTML 10Page - List of Unclassifed Manufacturers SPMC802B-PD04 Datasheet HTML 11Page - List of Unclassifed Manufacturers SPMC802B-PD04 Datasheet HTML 12Page - List of Unclassifed Manufacturers SPMC802B-PD04 Datasheet HTML 13Page - List of Unclassifed Manufacturers SPMC802B-PD04 Datasheet HTML 14Page - List of Unclassifed Manufacturers SPMC802B-PD04 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
SPMC802B
recover the normal operation from the next address of STOP
mode interrupt point with 1024 fTM1 clock cycle recovery time for
stable oscillation. To confirm the external interrupt events can
wake up the system, the corresponding interrupt enable bits must
be set before entering the STOP mode.
There are two write paths. One is come from direct write mode
through address $0008, another is come from indexed write mode
through indexed address $08. The purpose for the dual write
paths is for backward compatibility. The option incap is used to
inhibit the STOP function coming from the direct write cycle of
SNW to improve the system reliability. The indexed write for this
register will be described in detail later.
5.10. Reset
There are five kinds of reset resource for the system, Power On
Reset (POR), External Reset (PB4), Low Voltage Reset (LVR),
Watchdog Timer Reset (WDT), and Illegal Address Reset (IAR).
These reset sources can be concluded as external events and
internal events. The external events are come from the power
line, or external trigger event. The internal events are come from
the program exceptions or internal software reset event.
5.11. Reset Management Registers
There are four registers implemented for reset event management,
Stack Limit Register (SLR), System Guard Register (SGR),
System Control Register (SCR), and System Stop & Wait Register
(SNW).
The read of these registers uses direct access.
Reading the registers through page 0 addresses can get the
contents directly.
A specific write cycle, named indexed write
cycle, is implemented to have higher reliability of content updates.
The indexed addresses for these registers are same as the direct
addresses used in read cycle.
5.11.1. Indexed write cycle
The procedure of indexed write cycle is formed with two
consecutive write cycle of page 0. Only a write with address
$003E, called write-index cycle, followed with a write with address
$003F,
called
write-data
cycle,
can
program
the
reset
management registers. The intersections in between these two
write cycles are allowed only for the code pre-fetches, means
ROM area read cycles. If a ROM-write cycle or an access cycle
neither a ROM-read cycle nor a write-data cycle is executed after
the write-index cycle, the indexed write cycle will be abnormal
terminated without any data updates on these registers.
To prevent abnormal termination of the indexed write cycle,
programmers should handle the cycle much carefully.
The
interrupts should be disabled to prevent unpredicted intersections.
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
11
AUG. 07, 2002
Version: 1.0


Similar Part No. - SPMC802B-PD04

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPMC387-01 SSDI-SPMC387-01 Datasheet
38Kb / 2P
   50 WATT RADIATION HARDENED DC-DC POWER CONVERTER
logo
Freescale Semiconductor...
SPMC68CK338CPV14 FREESCALE-SPMC68CK338CPV14 Datasheet
950Kb / 133P
   32-Bit Modular Microcontroller
logo
NXP Semiconductors
SPMC68CK338CPV14 NXP-SPMC68CK338CPV14 Datasheet
1Mb / 133P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
SPMCCK16Z1CFC16 FREESCALE-SPMCCK16Z1CFC16 Datasheet
5Mb / 500P
   M68HC16Z Series
SPMCCK16Z1CFC16 FREESCALE-SPMCCK16Z1CFC16 Datasheet
5Mb / 500P
   Symbols and Operators, CPU16 Register Mnemonics
More results

Similar Description - SPMC802B-PD04

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML675001 OKI-ML675001 Datasheet
196Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
logo
List of Unclassifed Man...
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
logo
OKI electronic componet...
ML674000 OKI-ML674000 Datasheet
192Kb / 24P
   32-bit General-purpose, ARM-based Microcontroller
ML674001 OKI-ML674001 Datasheet
193Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
logo
List of Unclassifed Man...
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
logo
Zilog, Inc.
Z86D86 ZILOG-Z86D86 Datasheet
912Kb / 80P
   28-Pin Low-Voltage OTP Microcontroller
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Zilog, Inc.
Z8E001 ZILOG-Z8E001 Datasheet
209Kb / 49P
   CMOS OTP Microcontroller
logo
Microchip Technology
PIC32MX MICROCHIP-PIC32MX Datasheet
8Mb / 544P
   64/100-Pin General Purpose,32-Bit Flash Microcontrollers
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com