Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4303RGTT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS4303RGTT
Description  WIDEBAND FIXED-GAIN AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4303RGTT Datasheet(HTML) 5 Page - Texas Instruments

  THS4303RGTT Datasheet HTML 1Page - Texas Instruments THS4303RGTT Datasheet HTML 2Page - Texas Instruments THS4303RGTT Datasheet HTML 3Page - Texas Instruments THS4303RGTT Datasheet HTML 4Page - Texas Instruments THS4303RGTT Datasheet HTML 5Page - Texas Instruments THS4303RGTT Datasheet HTML 6Page - Texas Instruments THS4303RGTT Datasheet HTML 7Page - Texas Instruments THS4303RGTT Datasheet HTML 8Page - Texas Instruments THS4303RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
www.ti.com
SCHEMATIC DIAGRAM
VCC
OUT
D10
Input Stage
Gain Stage
IN_POS
VEE
VEE
VCC
IN_NEG
Output Stage
I30
Q55
R19
D9
D13
D14
D8
D7
I31
I24
I25
I26
I27
I29
I28
Q57
Q51
Q52
Q52
Q56
Q58
Q53
Q54
Q60
Q59
Q62
Q61
Q64
Q63
Q66
Q65
C3
R18
R15
R16
R17
R13
R14
THS4303
SLOS421B – NOVEMBER 2003 – REVISED JANUARY 2005
ELECTRICAL CHARACTERISTICS (continued)
THS4303 (Gain = +10 V/V) Specifications: V
S = 5 V, RL = 100 Ω, (unless otherwise noted)
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
0
°C to
–40
°C to
MIN/
25
°C
25
°C
UNITS
70
°C
85
°C
MAX
POWER-DOWN CHARACTERISTICS
Maximum power-down current
PD = 0 V
0.9
1.2
1.3
1.4
mA
Max
Power-on voltage threshold
1.1
1.5
V
Min
Power-down voltage threshold
1.1
0.9
V
Max
Turnon time delay [t(ON)]
90% of final value
42
ns
Typ
Turnoff time delay [t(Off)]
10% of final value
35
ns
Typ
Input impedance
100
k
Typ
Output impedance
f = 100 kHz
470
Typ
5


Similar Part No. - THS4303RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4303RGTT TI1-THS4303RGTT Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4303RGTTG4 TI1-THS4303RGTTG4 Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
More results

Similar Description - THS4303RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI-THS4302 Datasheet
602Kb / 23P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI1-THS4302_14 Datasheet
1Mb / 28P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
OPA682 TI1-OPA682 Datasheet
226Kb / 21P
[Old version datasheet]   Wideband, Fixed Gain BUFFER AMPLIFIER
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA653 TI-OPA653 Datasheet
697Kb / 19P
[Old version datasheet]   Wideband, Fixed Gain, JFET-Input AMPLIFIER
OPA653 TI-OPA653_15 Datasheet
1Mb / 26P
[Old version datasheet]   Wideband, Fixed Gain, JFET-Input AMPLIFIER
OPA3682 TI1-OPA3682 Datasheet
218Kb / 20P
[Old version datasheet]   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com