Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7109 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJU7109
Description  LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7109 Datasheet(HTML) 4 Page - New Japan Radio

  NJU7109 Datasheet HTML 1Page - New Japan Radio NJU7109 Datasheet HTML 2Page - New Japan Radio NJU7109 Datasheet HTML 3Page - New Japan Radio NJU7109 Datasheet HTML 4Page - New Japan Radio NJU7109 Datasheet HTML 5Page - New Japan Radio NJU7109 Datasheet HTML 6Page - New Japan Radio NJU7109 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
( 4 )
NJU7109
High level Output Voltage vs. Ambient Temperature
2.5
2.6
2.7
2.8
2.9
3
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
VDD=3.0V, Io=-5mA
Low level Output Voltage vs. Ambient Temperature
0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
VDD=3.0V, Io=+5mA
Input Bias Current vs. Ambient Temperature
0.01
0.1
1
10
100
1000
10000
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
VDD=3.0V
Input Offset Current vs. Ambient Temperature
0.001
0.01
0.1
1
10
100
1000
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
VDD=3.0V
Input Offset Voltage vs.
Input Common Mode Voltage
-10
-8
-6
-4
-2
0
2
4
6
8
10
0
0.5
1
1.5
2
2.5
Input Common Mode Voltage [V]
VDD=3.0V, Ta=25°C
Input Offset Voltage vs.
Input Common Mode Voltage (correlation with Ta)
-10
-8
-6
-4
-2
0
2
4
6
8
10
0
0.5
1
1.5
2
2.5
Input Common Mode Voltage [V]
Ta=-40
25
85
VDD=3.0V


Similar Part No. - NJU7109

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7109 NJRC-NJU7109 Datasheet
149Kb / 8P
   LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7109F3-TE1 NJRC-NJU7109F3-TE1 Datasheet
149Kb / 8P
   LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
More results

Similar Description - NJU7109

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7109F3-TE1 NJRC-NJU7109F3-TE1 Datasheet
149Kb / 8P
   LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7119 NJRC-NJU7119 Datasheet
178Kb / 10P
   LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7108 NJRC-NJU7108 Datasheet
60Kb / 3P
   LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7118 NJRC-NJU7118 Datasheet
64Kb / 3P
   LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPALATOR
2003/07/16
logo
Nippon Precision Circui...
NJU7118 NPC-NJU7118 Datasheet
75Kb / 3P
   LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPALATOR
logo
New Japan Radio
NJU7008 NJRC-NJU7008 Datasheet
80Kb / 4P
   LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS OPERATIONAL AMPLIFIER
NJU7116 NJRC-NJU7116 Datasheet
76Kb / 3P
   SUPER LOW OPERATING CURRENT AND LOW OFFSET VOLTAGE TINY SINGLE C-MOS COMPARATOR
NJU7142 NJRC-NJU7142 Datasheet
159Kb / 4P
   LOW-VOLTAGE OPERATION TINY SINGLE C-MOS COMPARATOR?
NJU7141 NJRC-NJU7141 Datasheet
70Kb / 3P
   LOW-VOLTAGE OPERATION TINY SINGLE C-MOS COMPARATOR
NJU7102A NJRC-NJU7102A Datasheet
128Kb / 4P
   C-MOS COMPARATOR WITH C-MOS OUTPUT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com