Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PJ7800 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

Part No. PJ7800
Description  3-Terminal Fixed Voltage Positive Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

PJ7800 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
PJ7800 Series
3-Terminal Fixed Voltage Positive Regulators
2-9
2002/10.rev. A
RATING
SYMBOL
PJ7800 Series
UNIT
Input Voltage
Vin *
35
V
Input Voltage
Vin **
40
V
Power Dissipation TO-220
TO-220
TO-220F
Without heatsink
Pt ***
With
heatsink
2
15
10
℃/
W
Operating Ambient Temperature
Topr
-20 to +85
Operating Junction Temperature
Tj
0 to +125
Storage Temperature
Tstg
-25 to +150
Note:
* PJ7805 to PJ7818
** PJ7824
*** Follow the derating curve
DEVICE
OPERATING TEMPERATURE
(AMBIENT)
PACKAGE
PJ78xxCZ
TO-220
PJ78xxCI
-20℃ to +85℃
TO-220F
(Vin=10V, Iout=500mA, 0℃
≤Tj≤125℃, Cin=0.33μF, Cout=0.1μF; unless otherwise specified.)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Tj=25℃
4.80
5
5.20
Output Voltage
Vout
7V
≤Vin≤20V, 5mA≤Iout≤1.5A, PD≤15W
4.75
5
5.25
V
7.5V
≤Vin≤25V
--
3
100
mV
Line Regulation
REGline
Tj=25℃
8V
≤Vin≤12V
--
1
50
mV
5mA
≤Iout≤1.5A
--
15
100
mV
Load Regulation
REGload
Tj=25℃
250mA
≤Iout≤750mA
--
5
50
mV
Quiescent Current
Iq
Iout=0, Tj=25℃
--
4.2
8
mA
7V
≤Vin≤25V
--
--
1.3
mA
Quiescent Current Change
ΔI
q
5mA
≤Iout≤1.5A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25℃
--
40
--
μ
V
Ripple Rejection Ratio
RR
f=120Hz, 8V
≤Vin≤18V
62
78
--
dB
Voltage Drop
Vdrop
Iout=1.0A, Tj=25℃
--
2
--
V
Output Resistance
Rout
f=1KHz
--
17
--
m
Output Short Circuit Current
Ios
Tj=25℃
--
750
--
mA
Peak Output Current
Io peak
Tj=25℃
--
2.2
--
A
Temperature Coefficient of
Output Voltage
Δ
Vout/ΔTj
Iout=5mA, 0℃
≤Tj≤125℃
--
-0.6
--
mV/
* Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible, and
thermal effects must be taken into account separately.
** This specification applies only for DC power dissipation permitted by absolute maximum ratings.
ABSOLUTE MAXIMUM RATINGS (Ta=25)
ORDERING INFORMATION
PJ7805 ELECTRICAL CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn