Electronic Components Datasheet Search |
|
RFPIC12F675 Datasheet(PDF) 31 Page - Microchip Technology |
|
RFPIC12F675 Datasheet(HTML) 31 Page - Microchip Technology |
31 / 136 page 2003 Microchip Technology Inc. Preliminary DS70091A-page 29 rfPIC12F675 5.1 Timer1 Modes of Operation Timer1 can operate in one of three modes: • 16-bit timer with prescaler • 16-bit synchronous counter • 16-bit asynchronous counter In Timer mode, Timer1 is incremented on every instruction cycle. In Counter mode, Timer1 is incremented on the rising edge of the external clock input T1CKI. In addition, the Counter mode clock can be synchronized to the microcontroller system clock or run asynchronously. In Counter and Timer modules, the counter/timer clock can be gated by the T1G input. If an external clock oscillator is needed (and the microcontroller is using the INTOSC w/o CLKOUT), Timer1 can use the LP oscillator as a clock source. 5.2 Timer1 Interrupt The Timer1 register pair (TMR1H:TMR1L) increments to FFFFh and rolls over to 0000h. When Timer1 rolls over, the Timer1 interrupt flag bit (PIR1<0>) is set. To enable the interrupt on rollover, you must set these bits: • Timer1 interrupt Enable bit (PIE1<0>) • PEIE bit (INTCON<6>) • GIE bit (INTCON<7>). The interrupt is cleared by clearing the TMR1IF in the Interrupt Service Routine. 5.3 Timer1 Prescaler Timer1 has four prescaler options allowing 1, 2, 4, or 8 divisions of the clock input. The T1CKPS bits (T1CON<5:4>) control the prescale counter. The prescale counter is not directly readable or writable; however, the prescaler counter is cleared upon a write to TMR1H or TMR1L. FIGURE 5-2: TIMER1 INCREMENTING EDGE Note: In Counter mode, a falling edge must be registered by the counter prior to the first incrementing rising edge. Note: The TMR1H:TTMR1L register pair and the TMR1IF bit should be cleared before enabling interrupts. T1CKI = 1 when TMR1 Enabled T1CKI = 0 when TMR1 Enabled Note 1: Arrows indicate counter increments. 2: In Counter mode, a falling edge must be registered by the counter prior to the first incrementing rising edge of the clock. |
Similar Part No. - RFPIC12F675 |
|
Similar Description - RFPIC12F675 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |