Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPIC12F675 Datasheet(PDF) 46 Page - Microchip Technology

Part # RFPIC12F675
Description  20-Pin FLASH-Based 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFPIC12F675 Datasheet(HTML) 46 Page - Microchip Technology

Back Button RFPIC12F675 Datasheet HTML 42Page - Microchip Technology RFPIC12F675 Datasheet HTML 43Page - Microchip Technology RFPIC12F675 Datasheet HTML 44Page - Microchip Technology RFPIC12F675 Datasheet HTML 45Page - Microchip Technology RFPIC12F675 Datasheet HTML 46Page - Microchip Technology RFPIC12F675 Datasheet HTML 47Page - Microchip Technology RFPIC12F675 Datasheet HTML 48Page - Microchip Technology RFPIC12F675 Datasheet HTML 49Page - Microchip Technology RFPIC12F675 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 136 page
background image
rfPIC12F675
DS70091A-page 44
Preliminary
 2003 Microchip Technology Inc.
7.3
A/D Operation During SLEEP
The A/D converter module can operate during SLEEP.
This requires the A/D clock source to be set to the
internal RC oscillator. When the RC clock source is
selected, the A/D waits one instruction before starting
the conversion. This allows the SLEEP instruction to be
executed, thus eliminating much of the switching noise
from the conversion. When the conversion is complete,
the GO/DONE bit is cleared, and the result is loaded
into the ADRESH:ADRESL registers. If the A/D
interrupt is enabled, the device awakens from SLEEP.
If the A/D interrupt is not enabled, the A/D module is
turned off, although the ADON bit remains set.
When the A/D clock source is something other than
RC, a SLEEP instruction causes the present conversion
to be aborted, and the A/D module is turned off. The
ADON bit remains set.
7.4
Effects of RESET
A device RESET forces all registers to their RESET
state. Thus the A/D module is turned off and any
pending conversion is aborted. The ADRESH:ADRESL
registers are unchanged.
TABLE 7-2:
SUMMARY OF A/D REGISTERS
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOD
Value on
all other
RESETS
05h
GPIO
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
GPIO0
--xx xxxx --uu uuuu
0Bh, 8Bh INTCON
GIE
PEIE
T0IE
INTE
GPIE
T0IF
INTF
GPIF
0000 0000 0000 000u
0Ch
PIR1
EEIF
ADIF
CMIF
TMR1IF
00-- 0--0 00-- 0--0
1Eh
ADRESH
Most Significant 8 bits of the Left Shifted A/D result or 2 bits of the Right Shifted Result
xxxx xxxx uuuu uuuu
1Fh
ADCON0
ADFM
VCFG
CHS1
CHS0
GO
ADON
00-- 0000 00-- 0000
85h
TRISIO
TRISIO5
TRISIO4
TRISIO3
TRISIO2 TRISIO1
TRISIO0
--11 1111 --11 1111
8Ch
PIE1
EEIE
ADIE
CMIE
TMR1IE
00-- 0--0 00-- 0--0
9Eh
ADRESL
Least Significant 2 bits of the Left Shifted A/D Result or 8 bits of the Right Shifted Result
xxxx xxxx uuuu uuuu
9Fh
ANSEL
ADCS2
ADCS1
ADCS0
ANS3
ANS2
ANS1
ANS0
-000 1111 -000 1111
Legend:
x
= unknown, u = unchanged, - = unimplemented read as '0'. Shaded cells are not used for A/D converter module.


Similar Part No. - RFPIC12F675

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RFPIC12F675 MICROCHIP-RFPIC12F675 Datasheet
5Mb / 136P
   FLASH-Based Microcontroller with ASK/FSK Transmitter
11/29/12 2003-2013
rfPIC12F675F MICROCHIP-rfPIC12F675F Datasheet
5Mb / 136P
   FLASH-Based Microcontroller with ASK/FSK Transmitter
11/29/12 2003-2013
rfPIC12F675H MICROCHIP-rfPIC12F675H Datasheet
5Mb / 136P
   FLASH-Based Microcontroller with ASK/FSK Transmitter
11/29/12 2003-2013
rfPIC12F675K MICROCHIP-rfPIC12F675K Datasheet
5Mb / 136P
   FLASH-Based Microcontroller with ASK/FSK Transmitter
11/29/12 2003-2013
More results

Similar Description - RFPIC12F675

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RFPIC12C509AG MICROCHIP-RFPIC12C509AG Datasheet
1Mb / 104P
   18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
2001
RFPIC12F675 MICROCHIP-RFPIC12F675 Datasheet
5Mb / 136P
   FLASH-Based Microcontroller with ASK/FSK Transmitter
11/29/12 2003-2013
logo
ATMEL Corporation
ATAR862-4 ATMEL-ATAR862-4 Datasheet
1Mb / 106P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-8 ATMEL-ATAR862-8 Datasheet
1Mb / 106P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-4 ATMEL-ATAR862-4_06 Datasheet
1Mb / 112P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R4 ATMEL-T48C862-R4 Datasheet
998Kb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
ATA5771 ATMEL-ATA5771 Datasheet
5Mb / 284P
   Microcontroller with UHF ASK/FSK Transmitter
ATA8741 ATMEL-ATA8741 Datasheet
3Mb / 238P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-3 ATMEL-ATAM862-3 Datasheet
1Mb / 110P
   Microcontroller with UHF ASK/FSK Transmitter
ATA8743 ATMEL-ATA8743_14 Datasheet
6Mb / 215P
   Microcontroller with UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com