Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB20S30 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SDB20S30
Description  Silicon Carbide Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SDB20S30 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SDB20S30 Datasheet HTML 1Page - Infineon Technologies AG SDB20S30 Datasheet HTML 2Page - Infineon Technologies AG SDB20S30 Datasheet HTML 3Page - Infineon Technologies AG SDB20S30 Datasheet HTML 4Page - Infineon Technologies AG SDB20S30 Datasheet HTML 5Page - Infineon Technologies AG SDB20S30 Datasheet HTML 6Page - Infineon Technologies AG SDB20S30 Datasheet HTML 7Page - Infineon Technologies AG SDB20S30 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2001-09-07
Page 4
SDP20S30
SDB20S30
Preliminary data
1 Power dissipation (per leg)
Ptot = f (TC)
0
20
40
60
80
100 120 140
°C 180
TC
0
5
10
15
20
25
30
35
40
45
50
55
60
W
70
2 Diode forward current (per leg)
IF= f (TC)
parameter: Tj
175 °C
0
20
40
60
80
100 120 140
°C 180
TC
0
1
2
3
4
5
6
7
8
9
A
11
4 Typ. forward power dissipation vs.
average forward current (per leg)
PF(AV)=f(IF) TC=100°C, d = tp/T
0
2
4
6
8
10
12
14
A
18
IF(AV)
0
4
8
12
16
20
24
W
32
d=1
d=0.5
d=0.2
d=0.1
3 Typ. forward characteristic (per leg)
IF = f (VF)
parameter: Tj , tp = 350 µs
0.6
0.8
1
1.2
1.4
1.6
1.8
V
2.2
VF
0
2
4
6
8
10
12
14
16
A
20
-40°C
25°C
100°C
125°C
150°C


Similar Part No. - SDB20S30

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SDB20S30 INFINEON-SDB20S30 Datasheet
1Mb / 8P
   Silicon Carbide Schottky Diode Switching behavior benchmark No reverse recovery
Rev. 1.2 2007-03-27
SDB20S30 INFINEON-SDB20S30_07 Datasheet
1Mb / 8P
   Silicon Carbide Schottky Diode Switching behavior benchmark No reverse recovery
Rev. 1.2 2007-03-27
More results

Similar Description - SDB20S30

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
   Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
   Silicon Carbide Schottky Diode
2004-02-11
logo
Pan Jit International I...
SIC04A065ND PANJIT-SIC04A065ND Datasheet
575Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Infineon Technologies A...
IDH08G120C5 INFINEON-IDH08G120C5_15 Datasheet
879Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
IDH10G120C5 INFINEON-IDH10G120C5_15 Datasheet
886Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
logo
Pan Jit International I...
SIC06A065D PANJIT-SIC06A065D Datasheet
426Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
SIC06A065S PANJIT-SIC06A065S Datasheet
411Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Cree, Inc
C3D16065A CREE-C3D16065A Datasheet
850Kb / 6P
   Silicon Carbide Schottky Diode
C3D30065D CREE-C3D30065D Datasheet
922Kb / 6P
   Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com