Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG2213S Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TG2213S
Description  TOSHIBA GaAs Linear Integrated Circuit GaAs Monolithic
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TG2213S Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TG2213S Datasheet HTML 1Page - Toshiba Semiconductor TG2213S Datasheet HTML 2Page - Toshiba Semiconductor TG2213S Datasheet HTML 3Page - Toshiba Semiconductor TG2213S Datasheet HTML 4Page - Toshiba Semiconductor TG2213S Datasheet HTML 5Page - Toshiba Semiconductor TG2213S Datasheet HTML 6Page - Toshiba Semiconductor TG2213S Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TG2213S
2002-11-14
2
Electrical Characteristics (VCON(Hi)
==== 2.7 V, VCON(LO) ==== 0 V, Ta ==== 25°C, Zg ==== Zl ==== 50 W
W
W
W)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
LOSS (1)
1
f
= 1.0 GHz, Pi = 0dBmW
¾
0.35
0.65
LOSS (2)
1
f
= 2.0 GHz, Pi = 0dBmW
¾
0.40
0.70
Insertion loss
LOSS (3)
1
f
= 2.5 GHz, Pi = 0dBmW
¾
0.45
0.75
dB
ISL (1)
1
f
= 1.0 GHz, Pi = 0dBmW
20
24
¾
ISL (2)
1
f
= 2.0 GHz, Pi = 0dBmW
20
24
¾
Isolation
ISL (3)
1
f
= 2.5 GHz, Pi = 0dBmW
18
22
¾
dB
Input power at 1dB gain compression
Pi1dB
1
f
= 2.5 GHz
12
17
¾
dBmW
Control current
ICON
¾
no RF signal input
¾
¾
0.01
mA
Switching time
tsw
1
¾
50
200
ns
Switch Connection
VC1
VC2
Switch Condition
RFcom – RF1
RFcom – RF2
Hi
Low
ON
OFF
Low
Hi
OFF
ON
Caution
This device is sensitive to electrostatic discharge. When using this device, please ensure that all tools and equipment are
earthed.
RFcom
RF2
RF1
RFcom
RF2
RF1


Similar Part No. - TG2213S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TG2210FT TOSHIBA-TG2210FT Datasheet
144Kb / 7P
   RF SPDT Switch
TG2211FT TOSHIBA-TG2211FT Datasheet
208Kb / 9P
   TOSHIBA GaAs Linear Integrated Circuit GaAs Monolithic
TG2216TU TOSHIBA-TG2216TU Datasheet
209Kb / 9P
   TOSHIBA GaAs Linear Integrated Circuit GaAs Monolithic
More results

Similar Description - TG2213S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TG2211FT TOSHIBA-TG2211FT Datasheet
208Kb / 9P
   TOSHIBA GaAs Linear Integrated Circuit GaAs Monolithic
TG2206F TOSHIBA-TG2206F Datasheet
185Kb / 7P
   TOSHIBA GaAs Linear Integrated Circuit GaAs Monolithic
TG2216TU TOSHIBA-TG2216TU Datasheet
209Kb / 9P
   TOSHIBA GaAs Linear Integrated Circuit GaAs Monolithic
TG2401F TOSHIBA-TG2401F Datasheet
219Kb / 7P
   GaAs Linear Integrated Circuit GaAs Monolithic
logo
Motorola, Inc
MRFIC0903 MOTOROLA-MRFIC0903 Datasheet
193Kb / 8P
   ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com