Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100-50808 Datasheet(PDF) 2 Page - Lumberg

Part # MC100-50808
Description  Pluggable terminal blocks on pin headers, pitch 5.08 mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

MC100-50808 Datasheet(HTML) 2 Page - Lumberg

  MC100-50808 Datasheet HTML 1Page - Lumberg MC100-50808 Datasheet HTML 2Page - Lumberg MC100-50808 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
67 MC 100-508
01/2018
2
Environmental conditions
Temperature range
-55 °C/+105 °C
Materials
Insulating body
PA, V-0 according to UL94
Contact spring
CuSn, tin-plated
Clamp
CuZn, nickel-plated
Screw
steel, zinc-plated
Mechanical data
Screw size
M3
Tightening torque screw
0,5 Nm
Connectable conductors for screw clamp
Section
AWG 24–14 (0,25–2,5 mm²)
Stripping length
4–5 mm
Electrical data (at Tamb 20 °C)
Rated current
16 A
Rated voltage
400 V AC
Rated impulse voltage
≥ 2 kV
Insulation resistance
> 2 GΩ
Associated products
Counterparts
ME 010-508
ME 020-508
ME 030-508
ME 040-508
of 3


Similar Part No. - MC100-50808

ManufacturerPart #DatasheetDescription
logo
Lumberg
MC100-50808 LUMBERG-MC100-50808 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
More results

Similar Description - MC100-50808

ManufacturerPart #DatasheetDescription
logo
Lumberg
ME010-508 LUMBERG-ME010-508_18 Datasheet
426Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
ME020-508 LUMBERG-ME020-508_18 Datasheet
536Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
6770 LUMBERG-6770_18 Datasheet
336Kb / 4P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
ME030-508 LUMBERG-ME030-508_18 Datasheet
418Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
ME040-508 LUMBERG-ME040-508_18 Datasheet
450Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
MC310-508 LUMBERG-MC310-508_18 Datasheet
740Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
MC200-508 LUMBERG-MC200-508_18 Datasheet
644Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
MX122-508 LUMBERG-MX122-508 Datasheet
643Kb / 3P
   Spring terminal blocks, pitch 5.08 mm
MX222-508 LUMBERG-MX222-508 Datasheet
577Kb / 3P
   Spring terminal blocks, pitch 5.08 mm
KB LUMBERG-KB Datasheet
546Kb / 3P
   Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com