Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML145502-4P Datasheet(PDF) 7 Page - LANSDALE Semiconductor Inc.

Part # ML145502-4P
Description  PCM Codec-Filter Mono-Circuit
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145502-4P Datasheet(HTML) 7 Page - LANSDALE Semiconductor Inc.

Back Button ML145502-4P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145502-4P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145502-4P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145502-4P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145502-4P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145502-4P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145502-4P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145502-4P Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145502-4P Datasheet HTML 11Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
ML145502, ML145503, ML145505
LANSDALE Semiconductor, Inc.
MODE CONTROL LOGIC (VSS to VDD = 4.75 V to 12.6 V, TA = – 40 to + 85°C)
Characteristic
Min
Typ
Max
Unit
VLS Voltage for TTL Mode (TTL Logic Levels Referenced to VLS)
VSS
VDD – 4.0
V
VLS Voltage for CMOS Mode (CMOS Logic Levels of VSS to VDD)
VDD – 0.5
VDD
V
Mu/A Select Voltage
Mu–Law Mode
Sign Magnitude Mode
A–Law Mode
VDD – 0.5
VAG – 0.5
VSS
VDD
VAG + 0.5
VSS + 0.5
V
RSI Voltage for Reference Select Input (ML145502)
3.78 V Mode
2.5 V Mode
3.15 V Mode
VDD – 0.5
VAG – 0.5
VSS
VDD
VAG + 0.5
VSS + 0.5
V
Vref Voltage for Internal or External Reference (ML145502 Only)
Internal Reference Mode
External Reference Mode
VSS
VAG + 0.5
VSS + 0.5
VDD – 1.0
V
Analog Test Mode Frequency, MS = CCI (ML145502 Only)
See Pin Description; Test Modes
128
kHz
SWITCHING CHARACTERISTICS (VSS to VDD = 9.5 V to 12.6 V, TA = – 40 to + 85°C, CL = 150 pF, CMOS or TTL Mode)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Rise Time
TDD
Output Fall Time
tTLH
tTHL
30
30
80
80
ns
Input Rise Time
TDE, TDC, RCE, RDC, DC, MSI, CCI
Input Fall Time
tTLH
tTHL
4
4
µs
Pulse Width
TDE Low, TDC, RCE, RDC, DC, MSI, CCI
tw
100
ns
DCLK Pulse Frequency (ML145502/05 Only)
TDC, RDC, DC
fCL
64
4096
kHz
CCI Clock Pulse Frequency (MSI = 8 kHz)
CCI is internally tied to TDC on the ML145503, therefore, the
transmit data clock must be one of these frequencies. This pin will accept
one of these discrete clock frequencies and will compensate to produce
internal sequencing.
fCL1
fCL2
fCL3
fCL4
fCL5
128
1536
1544
2048
2560
kHz
Propagation Delay Time
TDE Rising to TDD Low Impedance
TTL
CMOS
TDE Falling to TDD High Impedance
TTL
CMOS
TDC Rising Edge to TDD Data, During TDE High
TTL
CMOS
TDE Rising Edge to TDD Data, During TDC High
TTL
CMOS
tP1
tP2
tP3
tP4
90
90
90
90
90
90
180
150
55
40
180
150
180
150
ns
TDC Falling Edge to TDE Rising Edge Setup Time
tsu1
20
ns
TDE Rising Edge to TDC Falling Edge Setup Time
tsu2
100
ns
TDE Falling Edge to TDC Rising Edge to Preserve the Next TDD Data
tsu8
20
ns
RDC Falling Edge to RCE Rising Edge Setup Time
tsu3
20
ns
RCE Rising Edge to RDC Falling Edge Setup Time
tsu4
100
ns
RDD Valid to RDC Falling Edge Setup Time
tsu5
60
ns
CCI Falling Edge to MSI Rising Edge Setup Time
tsu6
20
ns
MSI Rising Edge to CCI Falling Edge Setup Time
tsu7
100
ns
RDD Hold Time from RDC Falling Edge
th
100
ns
TDE, TDC, RCE, RDC, RDD, DC, MSI, CCI Input Capacitance
10
pF
TDE,TDC, RCE, RDC, RDD, DC, MSI, CCI Input Current
± 0.01
± 10
µA
TDD Capacitance During High Impedance (TDE Low)
12
15
pF
TDD Input Current During High Impedance (TDE Low)
± 0.1
± 10.0
µA
www.lansdale.com
Page 7 of 26
Issue A


Similar Part No. - ML145502-4P

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145502-4P LANSDALE-ML145502-4P Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
More results

Similar Description - ML145502-4P

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
logo
Motorola, Inc
MC145500 MOTOROLA-MC145500 Datasheet
541Kb / 28P
   PCM CODEC-FILTER MONO- CIRCUIT
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506 Datasheet
6Mb / 20P
   PCM Codec-Filter Mono-Circuit
logo
Motorola, Inc
MC145506 MOTOROLA-MC145506 Datasheet
405Kb / 24P
   PCM CODEC FILTER MONO CIRCUIT
logo
LANSDALE Semiconductor ...
ML145502 LANSDALE-ML145502 Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com