Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8370ARE Datasheet(PDF) 7 Page - Analog Devices

Part # AD8370ARE
Description  LF to 750 MHz Digitally Controlled VGA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8370ARE Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8370ARE Datasheet HTML 3Page - Analog Devices AD8370ARE Datasheet HTML 4Page - Analog Devices AD8370ARE Datasheet HTML 5Page - Analog Devices AD8370ARE Datasheet HTML 6Page - Analog Devices AD8370ARE Datasheet HTML 7Page - Analog Devices AD8370ARE Datasheet HTML 8Page - Analog Devices AD8370ARE Datasheet HTML 9Page - Analog Devices AD8370ARE Datasheet HTML 10Page - Analog Devices AD8370ARE Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD8370
Rev. 0 | Page 7 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V, ZS = 200 Ω, ZL = 100 Ω, T = 25°C, unless otherwise noted.
0
10
20
30
40
50
60
70
–30
–20
–10
0
10
20
30
40
0
1020
3040
60
100
50
70
80
90
110 120 130
GAIN CODE
CODE = LAST 7 BITS OF GAIN CODE
(NO MSB)
HIGH GAIN MODE
HIGH GAIN MODE
LOW GAIN MODE
LOW GAIN MODE
∆ GAIN
∆ CODE
≅ 0.409
∆ GAIN
∆ CODE
≅ 0.059
Figure 4. Gain vs. Gain Code at 70 MHz
5
10
15
20
25
30
35
40
–5
0
5
10
15
20
25
30
0
20
40
60
80
100
120
140
GAIN CODE
HIGH GAIN MODE
LOW GAIN MODE
SHADING INDICATES ±3
σ FROM THE
MEAN. DATA BASED ON 30 PARTS
FROM TWO BATCH LOTS.
Figure 5. Output Third-Order Intercept vs. Gain Code at 70 MHz
5
10
15
20
25
30
35
40
45
0
20
40
60
80
100
120
140
GAIN CODE
HIGH GAIN MODE
380 MHz
380 MHz
70 MHz
70 MHz
LOW GAIN MODE
Figure 6. Noise Figure vs. Gain Code at 70 MHz
–10
–5
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
10
100
1000
HG77
HG127
LG90
LG9
LG18
LG127
HG102
HG18
LG36
HG51
HG25
HG9
HG3
HIGH GAIN CODES SHOWN WITH DASHED LINES
LOW GAIN CODES SHOWN WITH SOLID LINES
Figure 7. Frequency Response vs. Gain Code
10
15
20
25
30
35
40
20
25
30
35
40
45
50
200
150
50
100
0
250
300
350
400
FREQUENCY (MHz)
+25°C
UNIT CONVERSION NOTE FOR
100
Ω LOAD: dBVrms = dBm–10dB
+85°C
–40°C
SHADING INDICATES ±3
σ FROM THE
MEAN. DATA BASED ON 30 PARTS
FROM TWO BATCH LOTS.
Figure 8. Output Third-Order Intercept vs. Frequency at Maximum Gain
0
5
10
15
20
25
200
300
0
100
400
500
600
FREQUENCY (MHz)
HG18
HG127
LG127
Figure 9. Noise Figure vs. Frequency at Various Gains


Similar Part No. - AD8370ARE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8370ARE AD-AD8370ARE Datasheet
826Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. A
AD8370ARE-REEL7 AD-AD8370ARE-REEL7 Datasheet
826Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. A
AD8370ARE-REEL7 AD-AD8370ARE-REEL7 Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370AREZ AD-AD8370AREZ Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370AREZ-RL7 AD-AD8370AREZ-RL7 Datasheet
826Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. A
More results

Similar Description - AD8370ARE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8370 AD-AD8370_15 Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370 AD-AD8370_05 Datasheet
826Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. A
AD8370-EVALZ AD-AD8370-EVALZ Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8369 AD-AD8369 Datasheet
968Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8369 AD-AD8369_15 Datasheet
809Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8369ARUZ AD-AD8369ARUZ Datasheet
809Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
ADL5243 AD-ADL5243 Datasheet
1Mb / 32P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. A
ADL5240 AD-ADL5240_13 Datasheet
1Mb / 28P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
ADL5240 AD-ADL5240 Datasheet
1Mb / 24P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. 0
AD8369 AD-AD8369_17 Datasheet
856Kb / 24P
   45 dB Digitally Controlled VGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com