Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8380IBRHPR Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS8380IBRHPR
Description  18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8380IBRHPR Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button ADS8380IBRHPR Datasheet HTML 3Page - Burr-Brown (TI) ADS8380IBRHPR Datasheet HTML 4Page - Burr-Brown (TI) ADS8380IBRHPR Datasheet HTML 5Page - Burr-Brown (TI) ADS8380IBRHPR Datasheet HTML 6Page - Burr-Brown (TI) ADS8380IBRHPR Datasheet HTML 7Page - Burr-Brown (TI) ADS8380IBRHPR Datasheet HTML 8Page - Burr-Brown (TI) ADS8380IBRHPR Datasheet HTML 9Page - Burr-Brown (TI) ADS8380IBRHPR Datasheet HTML 10Page - Burr-Brown (TI) ADS8380IBRHPR Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.ti.com
PIN ASSIGNMENTS
ADS8380
AGND
+VBD
BDGND
+VA
REFM
5
6
7
4
1
2
3
17
16
15
18
21
20
19
SB/2C
AGND
AGND
+VA
AGND
AGND
AGND
+VA
+VA
ADS8380
SLAS387A – NOVEMBER 2004 – REVISED DECEMBER 2004
TOP VIEW
TERMINAL FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
AGND
2, 4, 5, 15,
Analog ground pins. AGND must be shorted to analog ground plane below the device.
18, 19
BDGND
21
Digital ground for all digital inputs and outputs. BDGND must be shorted to the analog ground plane below
the device.
BUSY
22
O
Status output. This pin is high when conversion is in progress.
CONVST
25
I
Convert start. This signal is qualified with CS internally.
CS
26
I
Chip select
FS
27
I
Frame sync. This signal is qualified with CS internally.
+IN
11
I
Noninverting analog input channel
–IN
12
I
Inverting analog input channel
NC
10, 13
No connection
PD
28
I
Power down. Device resets and powers down when this signal is high.
REFIN
8
I
Reference (positive) input. REFIN must be decoupled with REFM pin using 0.1-
µF bypass capacitor and
1-
µF storage capacitor.
REFM
7
I
Reference ground. To be connected to analog ground plane.
REFOUT
9
O
Internal reference output. Shorted to REFIN pin only when internal reference is used.
SB/2C
1
I
Straight binary or 2's complement output data format. When low the device output is straight binary format;
when high the device output is 2's complement format. See Table 1.
SCLK
24
I
Serial clock. Data is shifted onto SDO with the rising edge of this clock. This signal is qualified with CS
internally.
SDO
23
O
Serial data out. All bits except MSB are shifted out at the rising edge of SCLK.
+VA
3, 6, 14,
Analog power supplies
16, 17
+VBD
20
Digital power supply for all digital inputs and outputs.
7


Similar Part No. - ADS8380IBRHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8380IBRHPT TI1-ADS8380IBRHPT Datasheet
1Mb / 35P
[Old version datasheet]   18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8380IBRHPTG4 TI1-ADS8380IBRHPTG4 Datasheet
1Mb / 35P
[Old version datasheet]   18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
More results

Similar Description - ADS8380IBRHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8380 TI1-ADS8380 Datasheet
1Mb / 35P
[Old version datasheet]   18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8370 BURR-BROWN-ADS8370 Datasheet
782Kb / 29P
   16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8370 TI1-ADS8370 Datasheet
1Mb / 35P
[Old version datasheet]   16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8382 TI1-ADS8382_16 Datasheet
1Mb / 36P
[Old version datasheet]   18-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8372 TI1-ADS8372 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8372 BURR-BROWN-ADS8372_13 Datasheet
1Mb / 36P
   16-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8481 BURR-BROWN-ADS8481 Datasheet
921Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8484 TI1-ADS8484 Datasheet
1Mb / 32P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
logo
Burr-Brown (TI)
ADS8482 BURR-BROWN-ADS8482 Datasheet
853Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8484 TI1-ADS8484_15 Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com