Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9BF522LPMC-G-JNE2 Datasheet(PDF) 89 Page - Cypress Semiconductor

Part # MB9BF522LPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF522LPMC-G-JNE2 Datasheet(HTML) 89 Page - Cypress Semiconductor

Back Button MB9BF522LPMC-G-JNE2 Datasheet HTML 85Page - Cypress Semiconductor MB9BF522LPMC-G-JNE2 Datasheet HTML 86Page - Cypress Semiconductor MB9BF522LPMC-G-JNE2 Datasheet HTML 87Page - Cypress Semiconductor MB9BF522LPMC-G-JNE2 Datasheet HTML 88Page - Cypress Semiconductor MB9BF522LPMC-G-JNE2 Datasheet HTML 89Page - Cypress Semiconductor MB9BF522LPMC-G-JNE2 Datasheet HTML 90Page - Cypress Semiconductor MB9BF522LPMC-G-JNE2 Datasheet HTML 91Page - Cypress Semiconductor MB9BF522LPMC-G-JNE2 Datasheet HTML 92Page - Cypress Semiconductor MB9BF522LPMC-G-JNE2 Datasheet HTML 93Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 108 page
background image
Document Number: 002-05649 Rev. *D
Page 89 of 108
MB9B520M Series
12.8.2
Interrupt of Low-Voltage Detection
(TA = - 40°C to + 105°C)
Parameter
Symbol
Conditions
Value
Unit
Remarks
Min
Typ
Max
Detected voltage
VDL
SVHI = 00011
2.58
2.80
3.02
V
When voltage drops
Released voltage
VDH
2.67
2.90
3.13
V
When voltage rises
Detected voltage
VDL
SVHI = 00100
2.76
3.00
3.24
V
When voltage drops
Released voltage
VDH
2.85
3.10
3.35
V
When voltage rises
Detected voltage
VDL
SVHI = 00101
2.94
3.20
3.46
V
When voltage drops
Released voltage
VDH
3.04
3.30
3.56
V
When voltage rises
Detected voltage
VDL
SVHI = 00110
3.31
3.60
3.89
V
When voltage drops
Released voltage
VDH
3.40
3.70
4.00
V
When voltage rises
Detected voltage
VDL
SVHI = 00111
3.40
3.70
4.00
V
When voltage drops
Released voltage
VDH
3.50
3.80
4.10
V
When voltage rises
Detected voltage
VDL
SVHI = 01000
3.68
4.00
4.32
V
When voltage drops
Released voltage
VDH
3.77
4.10
4.43
V
When voltage rises
Detected voltage
VDL
SVHI = 01001
3.77
4.10
4.43
V
When voltage drops
Released voltage
VDH
3.86
4.20
4.54
V
When voltage rises
Detected voltage
VDL
SVHI = 01010
3.86
4.20
4.54
V
When voltage drops
Released voltage
VDH
3.96
4.30
4.64
V
When voltage rises
LVD stabilization wait time
tLVDW
-
-
-
8160 ×
tCYCP*
μs
LVD detection delay time
tLVDDL
-
-
-
200
μs
*: tCYCP indicates the APB2 bus clock cycle time.


Similar Part No. - MB9BF522LPMC-G-JNE2

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB9BF522L SPANSION-MB9BF522L Datasheet
3Mb / 113P
   This document states the current technical specifications regarding
More results

Similar Description - MB9BF522LPMC-G-JNE2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB9B110T CYPRESS-MB9B110T Datasheet
3Mb / 133P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B120J CYPRESS-MB9B120J Datasheet
947Kb / 77P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9A110A CYPRESS-MB9A110A Datasheet
4Mb / 112P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B410R CYPRESS-MB9B410R Datasheet
1Mb / 112P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
MB9B510T CYPRESS-MB9B510T Datasheet
4Mb / 126P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9BD10T CYPRESS-MB9BD10T Datasheet
4Mb / 134P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
MB9AA40NB CYPRESS-MB9AA40NB Datasheet
2Mb / 131P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9AAA0N CYPRESS-MB9AAA0N Datasheet
1Mb / 108P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9A340NB CYPRESS-MB9A340NB Datasheet
2Mb / 126P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9A120L CYPRESS-MB9A120L Datasheet
1Mb / 90P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9A310K CYPRESS-MB9A310K Datasheet
1Mb / 87P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com