Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZM23600 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMZM23600
Description  36-V, 0.5-A Step-Down DC-DC Power Module in 3.8-mm x 3-mm Package
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZM23600 Datasheet(HTML) 5 Page - Texas Instruments

  LMZM23600 Datasheet HTML 1Page - Texas Instruments LMZM23600 Datasheet HTML 2Page - Texas Instruments LMZM23600 Datasheet HTML 3Page - Texas Instruments LMZM23600 Datasheet HTML 4Page - Texas Instruments LMZM23600 Datasheet HTML 5Page - Texas Instruments LMZM23600 Datasheet HTML 6Page - Texas Instruments LMZM23600 Datasheet HTML 7Page - Texas Instruments LMZM23600 Datasheet HTML 8Page - Texas Instruments LMZM23600 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
LMZM23600
www.ti.com
SNVSB53 – FEBRUARY 2018
Product Folder Links: LMZM23600
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN to GND
–0.3
42
V
SW to GND
–0.3
VIN + 0.3
V
BOOT to SW
–0.3
3.6
V
EN to GND
–0.3
42
V
FB to GND (3.3-V and 5-V options)
–0.3
16
V
FB to GND (ADJ option)
–0.3
5.5
V
PGOOD to GND
–0.3
16
V
PGOOD sink current
8
mA
MODE/SYNC to GND
–0.3
42
V
VCC to GND
-0.3
3.6
V
Operating junction temperature, TJ
–40
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per
ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC
specification JESD22-C101, all pins(2)
±250
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
4
36
V
VOUT
Output voltage (5 V)
0
5
V
Output voltage (3.3 V)
0
3.3
V
Output voltage (ADJ)
2.5
15
V
IOUT
Output current (0.5 A)
0
0.5
A
TJ
Operating junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
LMZM23601
UNIT
SIL (USIP)
10 PINS
RθJA
Junction-to-ambient thermal resistance
45
°C/W
ΨJT
Junction-to-top characterization parameter
3
°C/W
ΨJB
Junction-to-board characterization parameter
20
°C/W


Similar Part No. - LMZM23600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
LMZM23601 TI1-LMZM23601 Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM23601SILR TI1-LMZM23601SILR Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM23601SILT TI1-LMZM23601SILT Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM23601V3SILR TI1-LMZM23601V3SILR Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
More results

Similar Description - LMZM23600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZM23601 TI1-LMZM23601_18 Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM33603 TI1-LMZM33603_18 Datasheet
1,017Kb / 36P
[Old version datasheet]   4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
LMZM33603 TI1-LMZM33603 Datasheet
462Kb / 28P
[Old version datasheet]   LMZM33603 4-V to 36-V Input, 3-A Step-Down DC-DC Power Module in QFN Package
LMZM33602 TI1-LMZM33602 Datasheet
747Kb / 30P
[Old version datasheet]   4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
logo
Alpha & Omega Semicondu...
AOZ29303QI AOSMD-AOZ29303QI Datasheet
2Mb / 20P
   30 V 3 A Step-Down Integrated DC-DC Power Module
Rev. 1.1 March 2022
logo
Texas Instruments
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
LMR33630-Q1_1811 TI1-LMR33630-Q1_1811 Datasheet
2Mb / 44P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com