Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74441-0017 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 74441-0017
Description  XFP Cage Assembly, 10 Gigabit Small Form Factor Pluggable Compatible, PCI Heat Sink,
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

74441-0017 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  74441-0017 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 02/19/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0747360221
Status:
Active
Overview:
XFP Cage
Description:
XFP Cage Assembly, 10 Gigabit Small Form Factor Pluggable Compatible, PCI Heat
Sink, Elastomer EMI Gasket, Press-Fit Pins
Documents:
3D Model
Packaging Specification PK-74736-009 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification AS-74736-0001-001 (PDF)
General
Product Family
EMI Cages
Series
74736
Application
Module-to-Board
Application Tooling Part Link
62203-0070
Application Tooling Part Link
62203-0080
Component Type
Cage Assembly
Overview
XFP Cage
Product Name
XFP
UPC
822348466948
Physical
EMI Panel / Bezel Mount
Behind the Bezel
Light Pipes per Port
0
Material - Metal
Copper Alloy
Net Weight
15.000/g
Orientation
Horizontal
Packaging Type
Tray
Port Configuration
1x1
Rear Legs
0
Termination Interface: Style
Through Hole - Compliant Pin
Thermal Height
PCI
Thermal Solutions
Pin Field
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-74736-0001-001
Packaging Specification
PK-74736-009
Sales Drawing
SD-74736-0451, SD-74736-0452, SD-74736-210,
SD-74736-220
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2018 (15
January 2018)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
74736 Series
Use With
74441-0017 XFP Connector
This document was generated on 02/19/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 74441-0017

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74441-0017 MOLEX-74441-0017 Datasheet
333Kb / 2P
   0.80mm (.031") Pitch Z-Axis Pluggable Host Connector for 10 Gigabit XFP Modules
74441-0017 MOLEX8-74441-0017 Datasheet
482Kb / 9P
   0.80mm (.031") Pitch XFP Host Connector, Z-Axis Pluggable, Right Angle, SMT, 30Circuits, 0.76關m (30關") Gold (Au
74441-0017 MOLEX1-74441-0017 Datasheet
54Kb / 1P
   XFP Cage Assembly, 10 Gigabit Small Form Factor Pluggable Compatible, SAN Heat Sink,
More results

Similar Description - 74441-0017

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0747360449 MOLEX1-0747360449 Datasheet
37Kb / 1P
   XFP Cage Assembly, 10 Gigabit Small Form Factor Pluggable Compatible, PCI Heat Sink,
0747360212 MOLEX1-0747360212 Datasheet
54Kb / 1P
   XFP Cage Assembly, 10 Gigabit Small Form Factor Pluggable Compatible, SAN Heat Sink,
0747360213 MOLEX1-0747360213 Datasheet
55Kb / 1P
   XFP Cage Assembly, 10 Gigabit Small Form Factor Pluggable Compatible, Tall Heat Sink,
0747360222 MOLEX1-0747360222 Datasheet
55Kb / 1P
   XFP Cage Assembly, 10 Gigabit Small Form Factor Pluggable Compatible, SAN Heat Sink,
0747360230 MOLEX1-0747360230 Datasheet
47Kb / 1P
   Heat Sink Clip for XFP Cage Assembly, 10 Gigabit Small Form Factor Pluggable Compatible
0747360220 MOLEX1-0747360220 Datasheet
34Kb / 1P
   XFP Cage Assembly, 10 Gigabit Small Form Factor Pluggable Compatible, without Heat Sink or Clip
0747360450 MOLEX1-0747360450 Datasheet
37Kb / 1P
   XFP Cage Assembly, 10 Gigabit Small Form Factor Pluggable Compatible, with Tall Heat Sink, Elastomer EMI Gasket, 3D Legs
logo
TE Connectivity Ltd
408-32212 TEC-408-32212 Datasheet
333Kb / 4P
   Small Form-Factor Pluggable Cage Assembly Seating Tool
logo
Infineon Technologies A...
V23833-F0005-B101 INFINEON-V23833-F0005-B101 Datasheet
724Kb / 26P
   XFP850 nm Small Form Factor Module 10 Gigabit Pluggable Transceiver Compatible with XFP MSA Rev. 3.1
2004-06-16
V23833-FX105-B001 INFINEON-V23833-FX105-B001 Datasheet
718Kb / 25P
   XFP1310 nm Small Form Factor Module 10 Gigabit Pluggable Transceiver Compatible with XFP MSA Rev. 3.1
2004-06-04
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com