Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8834AEIV200L Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AME8834AEIV200L
Description  High PSRR, 150mA CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8834AEIV200L Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME8834AEIV200L Datasheet HTML 3Page - Analog Microelectronics AME8834AEIV200L Datasheet HTML 4Page - Analog Microelectronics AME8834AEIV200L Datasheet HTML 5Page - Analog Microelectronics AME8834AEIV200L Datasheet HTML 6Page - Analog Microelectronics AME8834AEIV200L Datasheet HTML 7Page - Analog Microelectronics AME8834AEIV200L Datasheet HTML 8Page - Analog Microelectronics AME8834AEIV200L Datasheet HTML 9Page - Analog Microelectronics AME8834AEIV200L Datasheet HTML 10Page - Analog Microelectronics AME8834AEIV200L Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AME, Inc.
7
AME8833/8834
High PSRR, 150mA CMOS LDO
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
Note1
5.5
V
25
oC
-1
1
-40
oC~85oC
-2
2
25
oC
-1.5
1.5
-40
oC~85oC
-2.5
2.5
25
oC
-2
2
-40
oC~85oC
-2.5
2.5
25
oC
-2
2
-40
oC~85oC
-2.5
2.5
500
1000
Current Limit
ILIM
150
200
mA
Foldback Current
IFB
80
mA
Quiescent Current
IQ
60
µA
Ground Pin Current
IGND
50
µA
Over Temperature Shutdown
OTS
137
oC
Over Temperature Hysterisis
OTH
23
oC
VO Temperature Coefficient
TC
30
ppm/
oC
VSHDNH
0.8xVIN
Vin
V
VSHDNL
00.6
V
VIN = 5V
TA= 25
oC
0.01
EN = 0V or 5V
TA= 85
oC
0.1
TA=25
oC
0.5
1
TA=85
oC
1
Shutdown Output Voltage
VO,SD
00.4
V
ADJ Refernece Voltage
(AME8834)
VREF
1.206
1.225 1.243
V
0.05
0.1
0.1
VOUT >= 2.0V
VOUT < 2.0V
µA
VIN=5.5V
VADJ=1.3V
Shutdown Supply Current
ISD
VIN=5V
VO=0V
µA
ADJ Input Bias Current
(AME8834)
%
mV
Line Regulation
REGLINE
Dropout Voltage
VDROPOUT
IO=150mA
VOUT=VO(NOM) -2%
%
Output Voltage Accuracy
Test Condition
-0.2
-0.4
0.4
0.2
Power Supply Rejection
PSRR
RO=100
CO=0.22
µF
VOUT>2.0V
VOUT<=2.0V
dB
VIN=5V, IO=0mA
VIN=5V, IO =1mA to 150mA
IO=0.1mA, VOUT>2.0V
VIN=VOUT+0.5V to 5.5V
IO=0.1mA, VOUT<=2.0V
VIN=VOUT+1V to 5.5V
1
2
-1
-2
70
30
µVrms
SHDN Input Threshold
SHDN Input Bias Current
VSHDN = 0.6V
VIN=VOUT+0.5V
Load Regulation
REGLOAD
IO=0.1 to 150mA
VIN=VOUT+1V
Output Voltage Noise
eN
µA
IO=150mA
%
VO
AME8833
AME8834
VO>800mV
VO=0V
%
IO=0.1mA
AME8833
AME8834
f=1kHz
Co=0.22
µF
VSHDN = 0.8 x VIN
f=10Hz to 100kHz
IO=10mA
Output Loading<= 1200 ohm, V=0V
TA= 25
oC
TA= 85
oC
n Electrical Specifications
V
IN=VOUT+0.5V, VSHDN=VIN, TA = 25
OC,C
IN=COUT=1µF, AME8834 is tested with 2.45V output, unless otherwise noted
Note1:V
IN(min)=VOUT+VDROPOUT


Similar Part No. - AME8834AEIV200L

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8834 AME-AME8834 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
More results

Similar Description - AME8834AEIV200L

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8838 AME-AME8838 Datasheet
279Kb / 19P
   High PSRR, 150mA CMOS LDO
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8820 AME-AME8820 Datasheet
156Kb / 14P
   High PSRR, CSP, 150mA CMOS LDO
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
logo
Holtek Semiconductor In...
HT75B15 HOLTEK-HT75B15 Datasheet
2Mb / 15P
   High PSRR 150mA LDO Regulator
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
logo
Analog Microelectronics
AME8890 AME-AME8890_08 Datasheet
90Kb / 13P
   150mA CMOS LDO
AME8890 AME-AME8890 Datasheet
42Kb / 8P
   150mA CMOS LDO
AME8822 AME-AME8822 Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com