Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD-SF1210-S21 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PD-SF1210-S21
Description  METAL IP67 WATERPROOF FEMALE CABLE CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PD-SF1210-S21 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PD-SF1210-S21 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
5
4
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
1 of 1
SHEET
METAL IP67 WATERPROOF FEMALE CABLE CONNECTOR
PUSH - PULL TYPE; 2 - 9 CONTACTS; SOLDER TERMINATION
PD-SF1210-SXX
PB
10/31/17
RoHS
COMPLIANT
MATERIALS:
Shell: Brass, Chrome plated
Insert: PPS, UL-94V-0 rated
Contacts: Brass, Gold plated
MECHANICAL SPECIFICATIONS:
Coupling type: Push - Pull
Contact termination: Solder
Cable O.D. range: 4 ~ 6.5mm or 5 ~ 8mm
Mating cycles: >500
ENVIRONMENTAL SPECIFICATIONS:
IP rating: IP67
ORDERING CODE:
PD-SF1210-SXX
Cable outer diameter
1 = 4 ~ 6.5mm
2 = 5 ~ 8mm
Number of contacts (from chart)
1: 4 - 6.5mm
2: 5 - 8mm


Similar Part No. - PD-SF1210-S21

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PD-SF1210-P21 POWERDYNAMICS-PD-SF1210-P21 Datasheet
282Kb / 1P
   METAL IP67 WATERPROOF MALE CABLE CONNECTOR
PD-SF1210-P22 POWERDYNAMICS-PD-SF1210-P22 Datasheet
282Kb / 1P
   METAL IP67 WATERPROOF MALE CABLE CONNECTOR
PD-SF1210-P31 POWERDYNAMICS-PD-SF1210-P31 Datasheet
282Kb / 1P
   METAL IP67 WATERPROOF MALE CABLE CONNECTOR
PD-SF1210-P32 POWERDYNAMICS-PD-SF1210-P32 Datasheet
282Kb / 1P
   METAL IP67 WATERPROOF MALE CABLE CONNECTOR
PD-SF1210-P41 POWERDYNAMICS-PD-SF1210-P41 Datasheet
282Kb / 1P
   METAL IP67 WATERPROOF MALE CABLE CONNECTOR
More results

Similar Description - PD-SF1210-S21

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PD-ST1210-S2 POWERDYNAMICS-PD-ST1210-S2 Datasheet
199Kb / 1P
   METAL IP67 WATERPROOF FEMALE CABLE
PD-SF1214-S2 POWERDYNAMICS-PD-SF1214-S2 Datasheet
199Kb / 1P
   METAL IP67 WATERPROOF FEMALE ANGLED CABLE CONNECTOR
PD-ST1211-S2 POWERDYNAMICS-PD-ST1211-S2 Datasheet
204Kb / 1P
   METAL IP67 WATERPROOF FEMALE IN-LINE CABLE
PD-SF1210-PXX POWERDYNAMICS-PD-SF1210-PXX Datasheet
282Kb / 1P
   METAL IP67 WATERPROOF MALE CABLE CONNECTOR
PD-ST1210-P2 POWERDYNAMICS-PD-ST1210-P2 Datasheet
200Kb / 1P
   METAL IP67 WATERPROOF MALE CABLE
PD-ST1212-S2 POWERDYNAMICS-PD-ST1212-S2 Datasheet
207Kb / 1P
   METAL IP67 WATERPROOF FEMALE FRONT PANEL
PD-SF1212-S2 POWERDYNAMICS-PD-SF1212-S2 Datasheet
201Kb / 1P
   METAL IP67 WATERPROOF FEMALE FRONT MOUNT
PD-SF1214-P2 POWERDYNAMICS-PD-SF1214-P2 Datasheet
199Kb / 1P
   METAL IP67 WATERPROOF MALE ANGLED CABLE CONNECTOR
PD-ST1213-S2 POWERDYNAMICS-PD-ST1213-S2 Datasheet
205Kb / 1P
   METAL IP67 WATERPROOF FEMALE REAR PANEL MOUNT
PD-ST1211-P2 POWERDYNAMICS-PD-ST1211-P2 Datasheet
204Kb / 1P
   METAL IP67 WATERPROOF MALE IN-LINE CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com